Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFC210202FC-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTFC210202FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC210202FC-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTFC210202FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 06, 2023-06-28
5
PTFC210202FC
Each Side Load Pull Performance – CW signal; VDD = 28 V, 85 mA
P1dB
Max Output Power
Max PAE
Freq
[MHz] Zs
[W
] Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT [W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT [W]
PAE
[%]
2110
15.9 – j19.7
6.7 – j5.6
21.7
42.67
18.5
58.7
5.3 – j2.3
23.7
41.25
13.3
67.8
2140
15.7 – j18.8
7.6 – j4.9
22.3
42.16
16.4
60.5
4.9 – j2.3
24.1
40.89
12.3
67.3
2170
17.1 – j17.7
7.0 – j5.7
22.1
42.08
16.2
59.2
4.8 – j2.9
23.9
40.87
12.2
66.6
Load Pull Performance
Broadband Circuit Impedance
Frequency
Z Source W
Z Load W
MHz
R
jX
R
jX
2110
4.86
–0.01
3.59
–2.65
2120
4.89
–0.01
3.63
–2.65
2130
4.92
–0.01
3.68
–2.66
2140
4.95
–0.01
3.72
–2.68
2150
4.98
–0.02
3.76
–2.69
2160
5.00
–0.02
3.81
–2.71
2170
5.03
–0.03
3.85
–2.73
Z Source
Z Load
G1
D1
G2
S
D2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com