Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA082808NF-V1-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTRA082808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 – 820 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA082808NF-V1-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTRA082808NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PTRA082808NF
5
Rev. 06.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 250 mA
Peak Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 350 mA
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
790
1.8 – j4.4
2.4 – j1.6
20.24
51.73
149
58.9
5.4+ j2.6
22.49
48.72
74
69.8
805
1.8 – j5.2
2.6 – j1.8
20.28
51.47
140
58.6
5.4+ j2.5
22.41
48.74
75
70.2
820
1.8 – j5.2
2.9 – j1.8
20.65
51.41
138
60.9
5.3+ j1.9
22.51
48.97
79
70.4
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
790
1.5 – j4.1
1.8 – j1.3
16.26
53.30
214
60.4
3.9 + j1.2
17.03
50.89
123
72.8
805
1.5 – j4.1
1.9 – j1.3
16.02
53.07
203
60.1
3.6 + j1.3
16.84
50.77
119
73.2
820
1.4 – j4.6
2.0 – j1.4
16.4
53.00
200
61.0
3.1 + j2.2
16.87
50.78
120
73.0
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
790
1.8 – j4.4
2.6 – j1.9
18.3
52.53
179
62.7
5.5 + j0.2
20.27
50.63
116
71.2
805
1.8 – j5.2
2.8 – j2.6
18.3
52.29
169
60.2
5.6 + j0.0
20.18
50.61
115
71.2
820
1.8 – j5.2
2.9 – j3.1
18.4
52.24
168
60.0
5.6 + j1
20.45
50.13
103
71.3
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
790
1.5 – j4.1
2.0 – j1.4
14.37
54.07
255
65.3
3.6 – j0.1
15.05
52.54
180
73.9
805
1.5 – j4.1
2.0 – j2.3
14.84
53.86
243
60.5
3.7 + j1.2
14.84
51.42
139
73.8
820
1.4 – j4.6
2.1 – j1.5
14.43
53.77
238
64.0
3.6 + j0.7
15.13
51.83
152
73.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com