Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA082808NF-V1-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTRA082808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 – 820 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA082808NF-V1-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTRA082808NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 06.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTRA082808NF
Package Types: PG-HBSOF-6-2
Features
• Broadband internal input and output matching
• Asymmetrical design
- Main: P
1dB = 115 W Typ
- Peak: P
1dB = 165 W Typ
• Typical Pulsed CW performance, 820 MHz, 48 V,
Doherty configuration
- Output power at P
3dB = 250 W
- Efficiency = 55.6 %
- Gain = 16.2 dB
• Capable of handling 10:1 VSWR @ 48 V, 56.2 W (CW)
output power
• Human Body Model Class 1C (per ANSI/ESDA/JEDEC
JS-001)
• Integrated ESD protection
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF LDMOS FET
280 W, 48 V, 790 – 820 MHz
Description
The PTRA082808NF is a 280-watt LDMOS FET intended for use in multi-standard
cellular power amplifier applications in the 790 to 820 MHz frequency band. Features
include input and output matching, high gain and thermally-enhanced package
with earless flanges. Manufactured with Wolfspeed’s advanced LDMOS process, this
device provides excellent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
V
DD = 48 V, IDQ = 200 mA, VGS(PEAK) = 1.0 V, POUT = 56.2 W avg, ƒ = 820 MHz, 3GPP, channel bandwidth = 3.84 MHz,
peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
G
ps
15.2
15.5
—
dB
Drain Efficiency
h
D
42.7
44.5
—
%
Adjacent Channel Power Ratio
ACPR
—
–36.4
–33.5
dBc
Output PAR @ 0.01% CCDF
OPAR
6.6
7.3
—
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-80
-60
-40
-20
0
20
40
60
80
0
4
8
12
16
20
24
28
32
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = 1.0 V, ƒ = 820 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
ptra082808nf_g1


Similar Part No. - PTRA082808NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTRA082808NF INFINEON-PTRA082808NF Datasheet
534Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 ??820 MHz
Rev. 04.1, 2018-01-30
logo
Cree, Inc
PTRA082808NF CREE-PTRA082808NF Datasheet
604Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 ??820 MHz
More results

Similar Description - PTRA082808NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB082817FH INFINEON-PTFB082817FH Datasheet
667Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 30 V, 791-821 MHz
Rev. 02, 2010-12-13
PTFC262808SV INFINEON-PTFC262808SV Datasheet
180Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 02.1, 2013-08-02
PTRA082808NF INFINEON-PTRA082808NF Datasheet
534Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 ??820 MHz
Rev. 04.1, 2018-01-30
PTFC262808FV INFINEON-PTFC262808FV Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 03, 2016-06-22
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTRA082808NF CREE-PTRA082808NF Datasheet
604Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 ??820 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTFC262808FV CREE-PTFC262808FV Datasheet
806Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com