Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA082808NF-V1-R5 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTRA082808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 – 820 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA082808NF-V1-R5 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button PTRA082808NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA082808NF-V1-R5 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PTRA082808NF
7
Rev. 06.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C102
Capacitor, 5.6 pF
ATC
ATC800A5R6CT250T
C103, C104, C108, C109
Capacitor, 56 pF
ATC
ATC800A560JT250T
C105, C110
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C106
Capacitor, 10 pF
ATC
ATC800A100JT250T
C107
Capacitor, 1.5 pF
ATC
ATC800A1R5CT250T
R101, R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R103
Resistor, 50 ohms
Anaren
C8A50Z4A
R104, R105
Resistor, 1000 ohms
Panasonic Electronic Components
ERJ-8GEYJ102V
U1
Hybrid Coupler
Anaren
X3C07P1-05S
Output
C201
Capacitor, 3.0 pF
ATC
ATC800A3R0CT250T
C202
Capacitor, 15 pF
ATC
ATC800A150JT250T
C203, C210, C212
Capacitor, 82 pF
ATC
ATC800A820JT250T
C204, C205, C206, C213, C214, C215
Capacitor, 10 µF , 100V
TDK Corporation
C5750X7S2A106M230KB
C207
Capacitor, 6.8 pF
ATC
ATC800A6R8CT250T
C208
Capacitor, 3.9 pF
ATC
ATC800A3R9CT250T
C209
Capacitor, 2.2 pF
ATC
ATC800A2R2CT250T
C211
Capacitor, 10 pF
ATC
ATC800A100JT250T
G1
G2
D2
D1
V1
Main
Peak
V2
P G - H B S O F - 6 - 1_ P D _ 8- 29- 20 20 _b n
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1 (Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
V1, V2 Drain video decoupling, no DC bias
Pinout Diagram (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com