Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA083818NF-V1-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTRA083818NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 – 805 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA083818NF-V1-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTRA083818NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PTRA083818NF
5
Rev. 06.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 350 mA, class AB
Peak Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, V
GS(PEAK) = 2.2 V, class C
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
760
1.8-j4.86
2.45-j0.78
20.9
53.30
212
62.0
5.91+j0.63
22.8
51.50
143
73.9
780
1.93-j4.84
2.54-j1.0
21.1
53.10
203
61.0
5.37+j1.07
22.9
51.50
140
73.6
805
2.25-j5.8
2.63-j0.92
21.2
53.10
203
62.7
4.60+j0.86
22.6
51.80
150
73.1
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
760
2.4-j4.56
1.09-j1.11
16.5
54.90
309
60.4
1.21+j0.17
18.1
52.80
192
74.3
780
2.35-j4.58
1.03-j1.17
16.9
55.00
316
62.7
0.99+j0.3
17.8
51.90
155
75.2
805
3.25-j5.53
1.05-j1.34
16.8
54.90
309
59.8
0.95+j0.07
17.9
52.00
157
74.5
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
760
1.8-j4.86
2.53-j1.19
19.1
54.00
253
65.0
4.48-j0.68
20.4
53.20
208
74.8
780
1.93-j4.84
2.64-j1.16
19.3
53.90
243
65.0
5.69+j0.29
21
52.10
162
73.8
805
2.25-j5.8
2.56-j1.21
19.4
53.90
243
66.0
4.88+j0.44
21
52.30
171
74.9
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
760
2.4-j4.56
1.13-j1.17
14.5
55.60
366
62.0
1.45+j0.08
16
53.80
237
75.1
780
2.35-j4.58
1.15-j1.17
14.8
55.80
377
64.0
1.19+j0.03
15.9
53.30
214
75.8
805
3.25-j5.53
1.32-j1.52
14.7
55.70
373
63.0
1.35-j0.06
15.9
53.50
222
74.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com