Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA083818NF-V1-R5 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PTRA083818NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 – 805 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA083818NF-V1-R5 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button PTRA083818NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PTRA083818NF
6
Rev. 06.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Evaluation Board, 733 – 805 MHz
C218
C217
C216
C214
C215
C211
C210 C212
C213
C201
C208
C202
C207
C203
C209
C204
C205
C101
C112
C110
C109
R103
C108
C107
R102
C111
C106
C102
R101
C103
C105 C104
PTRA083818NF_IN_02 A
RO4360, 24 MIL
RO4360,
24 MIL
PTRA083818NF_OUT_02 A
(285)
(285)
U1
VDD
VDD
VGS(PEAK)
RF_IN
RF_OUT
VGS(MAIN)
C206 C220
C219 C221
C222
PTRA083818NF_CD
_02 -22-2019
C218
C217
C216
C214
C215
C211
C210 C212
C213
C201
C208
C202
C207
C203
C209
C204
C205
C101
C112
C110
C109
R103
C108
C107
R102
C111
C106
C102
R101
C103
C105 C104
PTRA083818NF_IN_02 A
RO4360, 24 MIL
RO4360,
24 MIL
PTRA083818NF_OUT_02 A
(285)
(285)
U1
VDD
VDD
VGS(PEAK)
RF_IN
RF_OUT
VGS(MAIN)
C206 C220
C219 C221
C222
PTRA083818NF_CD
_02 -22-2019
Reference circuit assembly diagram (not to scale)
Evaluation Board Part Number
LTA/PTRA083818NF-V1
PCB Information
Rogers 4360, 0.609 mm [0.024”] thick, 2 oz. copper, ε
r = 6.4, ƒ = 733 – 805 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com