Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA083818NF-V1-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTRA083818NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 – 805 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA083818NF-V1-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTRA083818NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA083818NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 06.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTRA083818NF
Package Types: PG-HBSOF-6-2
Features
• Broadband internal input matching
• Asymmetrical Doherty design
- Main : P
1dB = 165 W Typ
- Peak : P
1dB = 250 W Typ
• Typical Pulsed CW performance, 805 MHz, 48 V,
combined outputs
- Output power at P
1dB = 275 W
- Efficiency = 59.6%
- Gain = 18.6 dB
• Capable of handling 10:1 VSWR @ 48 V, 81.3 W
CW output power
• Integrated ESD protection
• Human Body Model class 1C (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF LDMOS FET
275 W, 48 V, 733 – 805 MHz
Description
The PTRA083818NF is a 275-watt LDMOS FET intended for use in multi-standard
cellular power amplifier applications in the 733 to 805 MHz frequency band. Features
include input matching, high gain and thermally-enhanced package with earless
flanges. Manufactured with Wolfspeed’s advanced LDMOS process, this device
provides excellent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
V
DD = 48 V, IDQ = 200 mA, VGS(PEAK) = 2.0 V, POUT = 81.3 W avg, ƒ = 805 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Linear Gain
G
ps
17.2
18
—
dB
Drain Efficiency
h
D
53
56
—
%
Adjacent Channel Power Ratio
ACPR
—
–27.3
–24
dBc
Output PAR @ 0.01% CCDF
OPAR
5.5
6.3
—
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = 2.0 V, ƒ = 805 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
ptra083818nf_g1


Similar Part No. - PTRA083818NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTRA083818NF INFINEON-PTRA083818NF Datasheet
481Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
Rev. 05.1, 2017-03-30
logo
Cree, Inc
PTRA083818NF CREE-PTRA083818NF Datasheet
606Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
More results

Similar Description - PTRA083818NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA084007NF INFINEON-PTVA084007NF Datasheet
491Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
Rev. 03, 2017-08-30
PTRA083818NF INFINEON-PTRA083818NF Datasheet
481Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
Rev. 05.1, 2017-03-30
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTVA084007NF CREE-PTVA084007NF Datasheet
486Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
PTRA083818NF CREE-PTRA083818NF Datasheet
606Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
logo
WOLFSPEED, INC.
PTRA087008NB WOLFSPEED-PTRA087008NB Datasheet
731Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 – 805 MHz
Rev. 03.4, 2022-02-13
PTVA084007NF WOLFSPEED-PTVA084007NF Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 – 805 MHz
Rev. 04.2, 2022-02-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com