Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA093818NF-V1-R5 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PTRA093818NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 – 960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA093818NF-V1-R5 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PTRA093818NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PTRA093818NF
3
Rev. 06.2, 2022-01-04
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (data taken in a production test fixture)
Figure 1. Single-carrier WCDMA Drive-up
Figure 3. Single-carrier WCDMA Broadband Performance
Figure 2. Single-carrier WCDMA Broadband Performance
Figure 4. CW Performance
0
10
20
30
40
50
60
70
-70
-60
-50
-40
-30
-20
-10
0
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = 2.0 V, ƒ = 960 MHz,
3GPP WCDMA signal, PAR = 10 dB,
BW = 3.84 MHz
ACPU
ACPL
Efficiency
ptra093818nf_g2
-30
-25
-20
-15
-10
-5
0
-35
-30
-25
-20
-15
-10
750 800 850 900 950 1000 1050 1100
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = 2.0 V, POUT = 49.1 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACPU
ACPL
IRL
ptra093818nf_g4
30
35
40
45
50
55
60
14
16
18
20
750 800 850 900 950 1000 1050 1100
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = 2.0 V, POUT = 49.1 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
ptra093818nf_g3
0
10
20
30
40
50
60
70
13
14
15
16
17
18
19
20
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = 2.0 V
ptra093818nf_g5
925MHz
942.5MHz
960MHz
Gain
Efficiency
0
10
20
30
40
50
60
70
-70
-60
-50
-40
-30
-20
-10
0
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = 2.0 V, ƒ = 960 MHz,
3GPP WCDMA signal, PAR = 10 dB,
BW = 3.84 MHz
ACPU
ACPL
Efficiency
ptra093818nf_g2
-30
-25
-20
-15
-10
-5
0
-35
-30
-25
-20
-15
-10
750 800 850 900 950 1000 1050 1100
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = 2.0 V, POUT = 49.1 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACPU
ACPL
IRL
ptra093818nf_g4
30
35
40
45
50
55
60
14
16
18
20
750 800 850 900 950 1000 1050 1100
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = 2.0 V, POUT = 49.1 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
ptra093818nf_g3
0
10
20
30
40
50
60
70
13
14
15
16
17
18
19
20
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = 2.0 V
ptra093818nf_g5
925MHz
942.5MHz
960MHz
Gain
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com