Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA093818NF-V1-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTRA093818NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 – 960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA093818NF-V1-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTRA093818NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PTRA093818NF
5
Rev. 06.2, 2022-01-04
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µsec, 10% duty cycle, V
DD = 48 V, IDQ = 350 mA, class AB
Peak Side Load Pull Performance – Pulsed CW signal: 10 µsec, 10% duty cycle, V
DD = 48 V, VGS(PEAK) = 2 V, class C
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
925
2.34-j5.57
2.03-j1.79
19.7
53.30
216
60.0
3.40-j0.14
21.4
52.00
159
70.6
940
2.38-j5.42
2.09-j1.85
19.8
53.10
206
59.0
3.44-j0.44
21.5
51.70
147
69.3
960
3.96-j5.20
2.07-j1.66
20
53.10
205
61.0
3.33-j0.07
21.5
51.60
144
69.2
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
925
1.92-j4.34
1.06-j2.15
15.3
55.05
320
59.7
1.0-j0.86
16.4
52.56
180
72.8
940
2.49-j4.58
1-j2.17
15.48
55.05
320
59.4
1-j0.84
16.4
52.20
166
71.9
960
3.20-j5.21
1.12-j2.37
15.54
55.00
316
59.0
1.06-j1.12
16.5
52.67
185
70.4
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
925
2.34-j5.57
2.13-j2.00
17.8
54.13
259
62.6
3.49-j0.40
19.4
52.76
189
72.1
940
2.38-j5.42
2.14-j2.24
17.8
53.91
246
60.0
4.01-j0.08
19.8
52.04
160
70.6
960
3.96-j5.20
2.19-j2.31
17.9
53.87
244
60.6
3.44-j0.18
19.5
52.28
169
70.7
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
925
1.92-j4.34
1.33-j2.18
13.5
55.74
375
63.5
1.09-j0.98
14.4
53.57
228
72.7
940
2.49-j4.58
1.38-j2.45
13.3
55.70
372
59.4
1.04-j0.95
14.47
53.20
209
71.5
960
3.20-j5.21
1.04-j2.47
13.4
55.67
369
59.1
1.1-j1.26
14.57
53.50
224
70.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com