Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA093818NF-V1-R5 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTRA093818NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 – 960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA093818NF-V1-R5 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button PTRA093818NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA093818NF-V1-R5 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PTRA093818NF
7
Rev. 06.2, 2022-01-04
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C104, C108, C110
Capacitor, 43 pF
ATC
ATC600F430JW250T
C102, C111
Capacitor, 4.7 µF
TDK Corporation
C4532X7S2A475M230KB
C103
Capacitor, 3.3 pF
ATC
ATC600F3R3CW250T
C105
Capacitor, 2.2 pF
ATC
ATC600F2R2CW250T
C106, C109
Capacitor, 6.2 pF
ATC
ATC600F6R2CW250T
C107
Capacitor, 1.8 pF
ATC
ATC600F1R8CW250T
R101, R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-3GEYJ100V
R103
Resistor, 50 ohms
Anaren
C16A50Z4
R104, R105
Resistor, 1K ohms
Panasonic Electronic Components
ERJ-8GEYJ102V
U1
Hybrid Coupler
Anaren
X3C09P1-04S
Output
C201, C208
Capacitor, 6.2 pF
ATC
ATC600F6R2CW250T
C202
Capacitor, 10 pF
ATC
ATC600F100JW250T
C203, C205, C206, C211, C212
Capacitor, 4.7 µF
TDK Corporation
C4532X7S2A475M230KB
C204, C209, C210
Capacitor, 43 pF
ATC
ATC600F430JW250T
C207, C213, C214, C215
Capacitor, 10 µF
MURATA
GRM32EC72A106KE05
G1
G2
D2
D1
V1
Main
Peak
V2
P G - H B S O F - 6 - 1_ P D _ 8- 29- 20 20 _b n
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1 (Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
V1
Drain video decoupling, no DC bias
V2
NC or connected to GRD
Pinout Diagram (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com