Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA094808NF-V1-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTRA094808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 – 960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA094808NF-V1-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTRA094808NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PTRA094808NF
5
Rev. 05.2, 2022-01-04
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µsec, 10% duty cycle, V
DD = 48 V, IDQ = 350 mA, class AB
Peak Side Load Pull Performance – Pulsed CW signal: 10 µsec, 10% duty cycle, V
DD = 48 V, VGS(PEAK) = 2 V, class C
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
865
1.4-j4.1
1.93-j1.35
20.25
53.40
219
57.4
4.16-j0.34
22.1
51.50
141
67.2
880
1.6-j4.65
1.67-j1.24
19.8
53.40
219
54.6
4.0-j0.5
22.1
51.50
141
67.7
895
2.0-j4.33
1.87-j1.62
20
53.37
217
56.7
4.08-j0.33
22
51.37
137
67.6
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
865
1.57-j3.71
1.17-j1.97
16
55.80
380
58.8
1.01-j0.55
17.1
53.17
207
71.1
880
1.58-j3.55
1.15-j3.55
16
55.70
372
59.0
1.08-j0.83
17
53.70
234
70.9
895
1.82-3.82
1.14-j2.05
16
55.84
384
60.9
1.11-j1.04
16.9
54.10
257
71.1
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
865
1.4-j4.1
2.09-1.87
18.4
54.30
270
61.8
3.8+0
20
52.62
182
69.1
880
1.6-j4.65
1.87-1.73
18
54.20
263
58.7
3.56+0.05
19.85
52.67
184
69.5
895
2.0-j4.33
1.81-1.78
17.9
54.20
263
59.1
3.33+0.04
19.73
52.65
184
69.43
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
865
1.57-j3.71
1.2-1.97
14
56.68
466
61.9
1.17-0.93
15.1
55.12
325
71.2
880
1.58-j3.55
1.32-2.11
13.8
56.46
443
60.6
1.15-1.05
15
55.00
316
70.7
895
1.82-3.82
1.19-2.09
13.9
56.59
456
62.4
1.05-1.04
14.8
54.72
296
71.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com