Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA094808NF-V1-R5 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PTRA094808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 – 960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA094808NF-V1-R5 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button PTRA094808NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PTRA094808NF
6
Rev. 05.2, 2022-01-04
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
R104
R105
C115
C102
C107
C106
C101
C111
C110
C109
C108
R102
C113
C114
R101
C105 C104
R103
C103
C112
C211
C212
C210
C213
C214
C215
C216
C203
C207
C209
C206
C205
C208
C202
C201
C204
C217
C218
U1
RF_OUT
RF_IN
RO4360,
24 MIL
PTRA094808NF_OUT_04A
PTRA094808NF_IN_04A
RO4360,
24 MIL
(285)
VGS(MAIN)
VGS(PEAK)
VDD
VDD
R104
R105
C115
C102
C107
C106
C101
C111
C110
C109
C108
R102
C113
C114
R101
C105 C104
R103
C103
C112
C211
C212
C210
C213
C214
C215
C216
C203
C207
C209
C206
C205
C208
C202
C201
C204
C217
C218
U1
RF_OUT
RF_IN
RO4360,
24 MIL
PTRA094808NF_OUT_04A
PTRA094808NF_IN_04A
RO4360,
24 MIL
(285)
VGS(MAIN)
VGS(PEAK)
VDD
VDD
Reference circuit assembly diagram (not to scale)
Evaluation Board, 869 – 894 MHz
Evaluation Board Part Number
LTA/PTRA094808NF-V1
PCB Information
Rogers 4360, 0.609 mm [0.024”] thick, 2 oz. copper, ε
r = 6.15
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com