Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA094808NF-V1-R5 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTRA094808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 – 960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA094808NF-V1-R5 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button PTRA094808NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA094808NF-V1-R5 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PTRA094808NF
7
Rev. 05.2, 2022-01-04
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101
Capacitor, 6.8 pF
ATC
ATC600F6R8BT250T
C102
Capacitor, 2.7 pF
ATC
ATC600F2R7BT250T
C103, C105
Capacitor, 1.8 pF
ATC
ATC600F1R8BT250T
C104, C111
Capacitor, 33 pF
ATC
ATC600F330JT250T
C106, C113
Capacitor, 68 pF
ATC
ATC600F680JT250T
C107, C114, C115
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C108
Capacitor, 8.2 pF
ATC
ATC100B8R2BT500XB
C109
Capacitor, 2.0 pF
ATC
ATC600F2R0BT250T
C110
Capacitor, 1.0 pF
ATC
ATC600F1R0BT250T
C112
Capacitor, 3.3 pF
ATC
ATC600F3R3BT250T
R101, R102
Resistor, 5.6 Ω
Panasonic Electronic Components
ERJ-8RQJ5R6V
R103
Resistor, 50 Ω
Anaren
C16A50Z4
R104, R105
Resistor, 1,000 Ω
Panasonic Electronic Components
ERJ-8GEYJ102V
U1
Hybrid coupler
CEMAX
CMX09Q02
Output
C201, C210
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM
C202
Capacitor, 10 pF
ATC
ATC600F100JT250T
C203
Capacitor, 1.5 pF
ATC
ATC600F1R5CT250T
C204
Capacitor, 20 pF
ATC
ATC100B200JT500XB
C205
Capacitor, 68 pF
ATC
ATC600F680JT250T
C206, C207, C208, C209, C214, C215,
C216, C217, C218
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C211
Capacitor, 47 pF
ATC
ATC100B470JT500XB
C212
Capacitor, 12 pF
ATC
ATC600F120JT250T
C213
Capacitor, 47 pF
ATC
ATC600F470JT250T
G1
G2
D2
D1
V1
Main
Peak
V2
P G - H B S O F - 6 - 1_ P D _ 8- 29- 20 20 _b n
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1 (Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
V1
Drain video decoupling, no DC bias
V2
NC or connected to ground
Pinout Diagram (top view)
S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com