Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA084007NF-V1-R5 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTVA084007NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 – 805 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA084007NF-V1-R5 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTVA084007NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PTVA084007NF
4
Rev. 04.2, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance (cont.)
Figure 5. CW Performance at various V
DD
Figure 6. CW Performance Small Signal
Gain & Input Return Loss
0
10
20
30
40
50
60
70
18
19
20
21
22
23
24
25
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 800 mA, ƒ = 805 MHz
44V
48V
52V
ptva084007nf_g6
Gain
Efficiency
-16
-14
-12
-10
-8
-6
-4
14
16
18
20
22
24
26
700
750
800
850
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 800 mA
IRL
Gain
ptva084007nf_g7
0
10
20
30
40
50
60
70
18
19
20
21
22
23
24
25
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 800 mA, ƒ = 805 MHz
44V
48V
52V
ptva084007nf_g6
Gain
Efficiency
-16
-14
-12
-10
-8
-6
-4
14
16
18
20
22
24
26
700
750
800
850
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 800 mA
IRL
Gain
ptva084007nf_g7
Load Pull Performance
Load Pull Performance – Pulsed CW signal: 160 µs, 10% duty cycle, 48 V, I
DQ = 700 mA
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
758
1.97-j3.32
1.12-j0.53
21.7
57.00
501.2
58.6
2.02+j0.87
23.4
54.6
287.7
73.2
780
2.23-j3.76
1.09-j0.43
22.0
56.80
478.6
58.3
1.87+j0.89
23.8
54.5
281.2
72.0
803
3.01-j3.64
1.00-j0.42
22.0
56.78
476.4
57.6
1.83+j0.70
23.8
54.6
286.4
71.7
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
758
1.97-j3.32
1.14-j0.59
19.8
57.75
595.7
61.9
2.00+j0.40
21.3
55.9
388.2
73.8
780
2.23-j3.76
1.09-j0.46
20.0
57.56
570.2
60.9
1.96+j0.43
21.7
55.8
377.6
72.5
803
3.01-j3.64
1.03-j0.49
20.0
57.52
564.9
60.2
1.73+j0.62
21.7
55.3
338.1
72.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com