Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA084007NF-V1-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTVA084007NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755805 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA084007NF-V1-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTVA084007NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PTVA084007NF
5
Rev. 04.2, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
R101
C107
C105
C101
C104
C103
C102
C108
C106
R102
R103
R104
C210
C201
C203
C204
C212 C213
C207
C209
C208
C202
C211
C205
C206
C214
C215
PTVA084007NF_IN_02
RO4350, 20 MIL
RO4350, 20 MIL
PTVA084007NF_OUT_02
RF_OUT
RF_IN
VDD
VDD
VGS
VGS
pt v a08 4007 nf _C D_ 02 - 20 - 20 19
Reference circuit assembly diagram (not to scale)
Evaluation Board, 758 – 803 MHz
Evaluation Board Part No.
LTN/PTVA084007NF-V1
PCB Information
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, ε
r = 3.66, ƒ = 758 – 803 MHz
Find Gerber files for this test fixture on the Wolfpseed Web site at www.wolfspeed.com/RF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com