Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA084007NF-V1-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTVA084007NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755805 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA084007NF-V1-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTVA084007NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA084007NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 04.2, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTVA084007NF
Package Types: PG-HBSOF-4-2
Features
• Broadband internal input and output matching
• Target CW performance, 805 MHz, 48 V, single side
- Output power at P
3dB = 370 W
- Efficiency = 64%
- Gain = 20.8 dB
• Capable of handling 10:1 VSWR @ 48 V, 100 W
(CW) output power
• Integrated ESD protection
• Human Body Model class 2 (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF LDMOS FET
370 W, 48 V, 755 – 805 MHz
Description
The PTVA084007NF is a 370-watt (P
3dB) LDMOS FET manufactured
with Wolfspeed’s 48-V LDMOS process. It is designed for use in
multi-standard cellular power amplifier applications. It features
a single-ended design and input and output matching that allow
for use from 755 MHz to 805 MHz.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed production test fixture)
V
DD = 48 V, IDQ = 800 mA, POUT = 80 W avg, ƒ1 = 805 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 10 dB @ 0.01% CCDF.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
G
ps
22
23.6
dB
Drain Efficiency
h
D
37
39
%
Adjacent Channel Power Ratio
ACPR
–31.6
–28.5
dBc
Output PAR @ 0.01% CCDF, 20 MHz
OPAR
6.4
7
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-60
-40
-20
0
20
40
60
4
8
12
16
20
24
28
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 800 mA, ƒ = 805 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
ptva084007nf_g1


Similar Part No. - PTVA084007NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA084007NF INFINEON-PTVA084007NF Datasheet
491Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
Rev. 03, 2017-08-30
logo
Cree, Inc
PTVA084007NF CREE-PTVA084007NF Datasheet
486Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
More results

Similar Description - PTVA084007NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA084007NF INFINEON-PTVA084007NF Datasheet
491Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
Rev. 03, 2017-08-30
PTRA083818NF INFINEON-PTRA083818NF Datasheet
481Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
Rev. 05.1, 2017-03-30
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTVA084007NF CREE-PTVA084007NF Datasheet
486Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 370 W, 48 V, 755 ??805 MHz
PTRA083818NF CREE-PTRA083818NF Datasheet
606Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 ??805 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
logo
WOLFSPEED, INC.
PTRA083818NF WOLFSPEED-PTRA083818NF Datasheet
708Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 275 W, 48 V, 733 – 805 MHz
Rev. 06.2, 2022-1-27
PTRA087008NB WOLFSPEED-PTRA087008NB Datasheet
731Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 – 805 MHz
Rev. 03.4, 2022-02-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com