Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE183708NB-V1-R2 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PXAE183708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 320 W, 48 V, 1805 – 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAE183708NB-V1-R2 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  PXAE183708NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PXAE183708NB
6
Rev. 04, 2022-12-20
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit, 1805 – 1880 MHz
Reference circuit assembly diagram (not to scale)
Test Circuit Part Number
LTA/PXAE183708NB-V1
PCB Information
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper,
εr = 3.66
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
C207
C201C202
C208
C209
C205
C206
C212
C203
C204
C213
C214 C215
C803
R804
R802
R801
C804
C801
R805
R803
C802
R101
C101
C102
C106
R104
R105
R103
C104
C103
R106
C105
R102
PXAE183708NB_OUT_04A
RF_IN
RF_OUT
VDD
Px ae1 837 08nb _C D_1 0- 09 - 20 18
RO4350, 20 MIL
PXAE183708NB_IN_04B
RO4350, 20 MIL
C210
C211
C216
C217
U1
S3
S4
VDD
VGS(MAIN)
VGS(PEAK)
S2
S1
C207
C201C202
C208
C209
C205
C206
C212
C203
C204
C213
C214 C215
C803
R804
R802
R801
C804
C801
R805
R803
C802
R101
C101
C102
C106
R104
R105
R103
C104
C103
R106
C105
R102
PXAE183708NB_OUT_04A
RF_IN
RF_OUT
VDD
Px ae1 837 08nb _C D_1 0- 09 - 20 18
RO4350, 20 MIL
PXAE183708NB_IN_04B
RO4350, 20 MIL
C210
C211
C216
C217
U1
S3
S4
VDD
VGS(MAIN)
VGS(PEAK)
S2
S1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com