Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE183708NB-V1-R2 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PXAE183708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 320 W, 48 V, 1805 – 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAE183708NB-V1-R2 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  PXAE183708NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PXAE183708NB
7
Rev. 04, 2022-12-20
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C105
Capacitor, 33 pF
ATC
ATC800A330JT250XT
C102, C106
Capacitor, 10 µF, 50 V
Taiyo Yuden
UMK325C7106MM-T
C103, C104
Capacitor, 22 pF
ATC
ATC800A220JT250XT
R101, R102
Resistor, 5.1 ohms
Panasonic Electronic Components
ERJ-8GEYJ5R1V
R103, R104, R105
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R106
Resistor, 50 ohms
Richardson
C16A50Z4
C801,C802, C803, C804
Capacitor, 1000 pF
Murata Electronics North America
GRM188R71H102KA01J
R801
Resistor, 1K ohms
Panasonic Electronic Components
ERJ-8GEYJ102V
R802
Resistor, 51 ohms
Panasonic Electronic Components
ERJ-8GEYJ510V
R803
Resistor, 1.3K ohms
Panasonic Electronic Components
ERJ-3GEYJ132V
R804
Resistor, 1.2K ohms
Panasonic Electronic Components
ERJ-3GEYJ122V
R805
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
S1, S2
Potentiometer, 2K ohms
Bourns Inc.
3224W-1-202E
S3
Voltage Regulator
Texas Instruments
LM78L05ACM
S4
Transistor
Diodes Incorporated
BCP5616TA
U1
Hybrid coupler
Anaren
X3C20F1-02S
Output
C201, C202, C203, C204, C208, C209,
C214, C215
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C205, C206
Capacitor, 2.4 pF
ATC
ATC800A2R4CT250XT
C207, C212, C213
Capacitor, 33 pF
ATC
ATC800A330JT250XT
C210, C211, C216, C217
Capacitor, 220 µF
Panasonic Electronic Components
EEE-FP1V221AP
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1(Main)
G2
Gate Device 2 (Peak)
GND
Ground
V1, V2
Drain video decoupling, no DC bias
Pinout Diagram (top view)
Lead connections for PXAE183708NB
D1
D2
G1
G2
V
V
Pg-hb2sof-8_06-20-2017
V1
V2
Main
Peak



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com