Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE183708NB-V1-R2 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PXAE183708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 320 W, 48 V, 1805 – 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAE183708NB-V1-R2 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PXAE183708NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAE183708NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 04, 2022-12-20
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PXAE183708NB
Package Type: PG-HB2SOF-8-1
Features
• Broadband internal input and output matching
• Asymmetrical Doherty design
- Main: P3dB = 160 W Typ
- Peak: P3dB = 315 W Typ
• Typical Pulsed CW performance, 1880 MHz, 28 V,
Doherty configuration, 10 µs pulse width, 10%
duty cycle, Class AB (main), Class C (peak)
- Output power at P1dB = 320 W
- Output power at P3dB = 430 W
- Drain efficiency = 60%
- Gain = 13.5 dB
• Capable of handling 10:1 VSWR @ 28 V, 54 W (1C
WCDMA) output power
• Human Body Model Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Integrated ESD protection
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF LDMOS FET
320 W, 48 V, 1805 – 1880 MHz
Description
The PXAE183708NB is a 320-watt LDMOS FET intended for use in
multi-standard cellular power amplifier applications in the 1805 to
1880 MHz frequency band. Features include input and output match-
ing, high gain and thermally-enhanced package with earless flange.
Manufactured with Wolfspeed’s advanced LDMOS process, this device
provides excellent thermal performance and superior reliability.
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ= 800 mA, ƒ = 1880 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
pxae183708nb_g1
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test circuit)
VDD = 28 V, IDQ = 800 mA, POUT = 54 W avg, VGS(PEAK) = 1.5 V, ƒ = 1880 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average = 10
dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
Gps
15.3
16
—
dB
Drain Efficiency
hD
48
50.5
—
%
Adjacent Channel Power Ratio
ACPR
—
–29.5
–25
dBc
Output PAR @ 0.01% CCDF
OPAR
6.8
7.7
—
dB


Similar Part No. - PXAE183708NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAE183708NB CREE-PXAE183708NB Datasheet
486Kb / 6P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 1805 ??1880 MHz
More results

Similar Description - PXAE183708NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA181001GL INFINEON-PTFA181001GL_09 Datasheet
412Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PXFC193808SV INFINEON-PXFC193808SV Datasheet
196Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 380 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2015-01-13
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PTFB181702FC CREE-PTFB181702FC Datasheet
554Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 1805 ??1880 MHz
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
PXFE181507FC CREE-PXFE181507FC Datasheet
550Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com