Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE261908NF Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PXAE261908NF
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 2515 – 2675 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAE261908NF Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PXAE261908NF Datasheet HTML 1Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 2Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 3Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 4Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 5Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 6Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 7Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 8Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PXAE261908NF
®
45
48
50
53
55
58
10
11
12
13
14
15
2400
2500
2600
2700
2800
Frequency (MHz)
Single-carrier WCDMA Broadband
VDD = 28 V, IDQ = 450 mA,
VGS(PEAK) = 1.5 V POUT = 45.05 dBm,
3GPP WCDMA signal
10 dB PAR, 3.84 MHz bandwidth
Gain
Efficiency
pxae261908nf-gr3
Typical Performance (data taken in a Wolfspeed production test fixture)
0
10
20
30
40
50
60
-70
-60
-50
-40
-30
-20
-10
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ(MAIN) = 450 mA,
VGS(PEAK) = 1.5 V, ƒ = 2675 MHz
3GPP WCDMA signal,
10 dB PAR, 3.84 MHz bandwidth
ACP Up
ACP Low
Efficiency
pxae261908nf-gr2a
-25
-20
-15
-10
-5
-40
-35
-30
-25
-20
2400
2500
2600
2700
2800
Frequency (MHz)
Single-carrier WCDMA Broadband
VDD = 28 V, IDQ= 450 mA,
VGS(PEAK) = 1.5 V, POUT = 45.05 dBm,
3GPP WCDMA signal
10 dB PAR, 3.84 MHz bandwidth
ACP Up
ACP Low
IRL
pxae261908nf-gr4
0
10
20
30
40
50
60
70
9
10
11
12
13
14
15
16
29
33
37
41
45
49
53
57
Output Power (dBm)
Pulsed CW Performance
VDD = 28 V, IDQ = 450 mA,VGS(PEAK) = 1.5 V
2515 MHz Gain
2595 MHz Gain
2675 MHz Gain
2515 MHz Eff
2595 MHz Eff
2675 MHz Eff
pxae261908nf-gr5
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-07-24



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com