Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE261908NF Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PXAE261908NF
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 2515 – 2675 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAE261908NF Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PXAE261908NF Datasheet HTML 1Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 2Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 3Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 4Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 5Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 6Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 7Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 8Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PXAE261908NF
®
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
4
Rev. 03, 2021-05-14
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
-25
-20
-15
-10
-5
0
10
11
12
13
14
15
2450 2500 2550 2600 2650 2700 2750 2800
Frequency (MHz)
CW Performance Small Signal
Gain and Input Return Loss
VDD = 28 V,
IDQ = 450 mA, VGS(PEAK) = 1.5 V
Gain
Input Return Loss
pxae261908nf-gr7
0
10
20
30
40
50
60
70
9
10
11
12
13
14
15
16
29
33
37
41
45
49
53
57
Output Power (dBm)
Pulsed CW Performance
at various VDD
IDQ = 450 mA, VGS(PEAK) = 1.5 V, ƒ = 2675 MHz
24 V Gain
28 V Gain
32 V Gain
24 V Eff
28 V Eff
32 V Eff
pxae261908nf-gr6a
Typical Performance (cont.)
Load Pull
Main Side (Doherty) Load Pull Performance – Pulsed CW signal: 10 µsec pulse width, 10% duty cycle, 28 V, IDQ = 460 mA, class AB
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P3dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P3dB
[W]
hD
[%]
2515
4.7 – j16.2
3.4 – j6.1
16.4
49.30
85
55.4
5.6 – j4.0
18.1
48.14
65
63.0
2595
7.5 – j18.4
3.3 – j6.3
16.4
49.30
85
54.8
5.6 – j4.7
18.2
48.15
65
62.0
2675
12.4 – j22.5
3.3 – j6.5
16.7
48.70
74
49.3
5.5 – j4.7
18.6
47.70
59
56.0
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
2515
4.7 – j16.2
3.3 – j6.4
14.2
50.04
101
55.3
5.7 – j4.1
16.1
48.80
76
63.0
2595
7.5 – j18.4
3.0 – j6.8
14.0
50.11
103
54.0
5.4 – j4.8
16.1
48.90
78
62.0
2675
12.4 – j22.5
3.3 – j7.1
14.4
49.60
91
49.3
5.4 – j4.2
16.7
48.30
68
56.0
Tables continued nex page
Rev. 04, 2023-07-24



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com