Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE261908NF Datasheet(PDF) 9 Page - WOLFSPEED, INC.

Part # PXAE261908NF
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 2515 – 2675 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAE261908NF Datasheet(HTML) 9 Page - WOLFSPEED, INC.

  PXAE261908NF Datasheet HTML 1Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 2Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 3Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 4Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 5Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 6Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 7Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 8Page - WOLFSPEED, INC. PXAE261908NF Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PXAE261908NF
9
Rev. 04, 2023-07-24
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
PATENT: https://www.wolfspeed.com/legal/patents
The information in this document is subject to change without notice.
For more information, please contact:
4600 Silicon Drive
Durham, NC 27703 USA
Tel: +1.919.313.5300
www.wolfspeed.com/RF
Sales Contact
RFSales@wolfspeed.com
RF Product Marketing Contact
RFMarketing@wolfspeed.com
Notes & Disclaimer
Specifications are subject to change without notice. “Typical” parameters are the average values expected
by Wolfspeed in large quantities and are provided for information purposes only. Wolfspeed products are not
warranted or authorized for use as critical components in medical, life-saving, or life-sustaining applications, or
other applications where a failure would reasonably be expected to cause severe personal injury or death. No
responsibility is assumed by Wolfspeed for any infringement of patents or other rights of third parties which may
result from use of the information contained herein. No license is granted by implication or otherwise under any
patent or patent rights of Wolfspeed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com