Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFC192207FH-V3-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PXFC192207FH-V3-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 18051990 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXFC192207FH-V3-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PXFC192207FH-V3-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
4
PXFC192207FH
Typical Performance (cont.)
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
1700 1800 1900 2000 2100 2200 2300
Frequency (MHz)
Small Signal, CW
Gain & Input Return Loss
VDD = 28 V, IDQ = 1600 mA
IRL
Gain
c192207fh_g6
See next page for broadband circuit impdedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com