Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFC192207FH-V3-R0 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PXFC192207FH-V3-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 18051990 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXFC192207FH-V3-R0 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  PXFC192207FH-V3-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
7
PXFC192207FH
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
PXFC192207FH
Test Fixture Part No.
LTN/PXFC192207FH V3
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, εr = 3.66, ƒ = 1930 – 1990 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at http://www.wolfspeed.com/RF
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C102, C103
Capacitor, 33 pF
ATC
ATC100A330JW150XB
C801, C802, C803
Capacitor, 1000 pF
Panasonic Electronic Components
ECJ-1VB1H102K
R101, R102, R801
Resistor, 10 W
Panasonic Electronic Components
ERJ-8GEYJ100V
R802
Resistor, 100 W
Panasonic Electronic Components
ERJ-8GEYJ101V
R803
Resistor, 1300 W
Panasonic Electronic Components
ERJ-3GEYJ132V
R804
Resistor, 1200 W
Panasonic Electronic Components
ERJ-3GEYJ122V
S1
Transistor
Infineon Technologies
BCP56
S2
Voltage Regulator
Texas Instruments
LM78L05ACM
S3
Potentiometer, 2k W
Bourns Inc.
3224W-1-202E
Output
C201, C202, C204,
C206, C208, C209
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C203, C207
Capacitor, 220 µF
Panasonic Electronic Components
EEE-FP1V221AP
C205
Capacitor, 33 pF
ATC
ATC100A330JW150XB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com