Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFC192207FH-V3-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PXFC192207FH-V3-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 18051990 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXFC192207FH-V3-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PXFC192207FH-V3-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PXFC192207FH-V3-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 0
7, 2023-06-28
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Thermally-Enhanced High Power RF LDMOS FET
220 W, 28 V, 1805 – 1990 MHz
Description
The PXFC192207FH is a 220-watt LDMOS FET intended for
use in multi-standard cellular power amplifier applications in the
1805 to 1990 MHz frequency band. Features include input and
output matching, high gain and thermally-enhanced package with
earless flanges. Manufactured with Wolfspeed's advanced LDMOS
process, this device provides excellent thermal performance and
superior reliability.
PXFC192207FH
Package H-37288G-4/2
Features
• Broadband input and output matching
• Typical Pulsed CW performance, 1990 MHz, 28 V,
16 µs pulse width, 10 % duty cycle, class AB
- Output power at P1dB = 220 W
- Efficiency = 55%
- Gain = 20 dB
• Typical single-carrier WCDMA performance, 1990
MHz, 28 V, 9.9 dB PAR @ 0.01% CCDR
- Output power = 50 W
- Efficiency = 29%
- Gain = 20 dB
- ACPR = –34 dBc @ 5 MHz
• Capable of handling 10:1 VSWR @28 V, 220 W
(CW) output power
• Integrated ESD protection : Human Body Model,
Class 1C (per JESD22-A114)
• Low thermal resistance
• Pb-free and RoHS compliant
RF Characteristics
Two-carrier WCDMA Specifications (tested in Wolfspeed production test fixture)
VDD = 28 V, IDQ = 1600 mA, POUT = 50 W avg, ƒ1 = 1980 MHz, ƒ2 = 1990 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 8 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Linear Gain
Gps
19
20.5
dB
Drain Efficiency
hD
29
32
%
Intermodulation Distortion
IMD
–32.5
–29
dBc
0
10
20
30
40
50
60
0
5
10
15
20
25
30
30
35
40
45
50
55
Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 28 V,IDQ = 1600 mA,
3GPP WCDMA signal, PAR = 8 dB,
10 MHz carrier spacing, BW 3.84 MHz
1930 MHz
1960 MHz
1990 MHz
c192207fh_g1
Gain
Efficiency
PXFC192207FH


Similar Part No. - PXFC192207FH-V3-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC192207FH INFINEON-PXFC192207FH Datasheet
371Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2014-07-15
logo
Cree, Inc
PXFC192207FH CREE-PXFC192207FH Datasheet
662Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 1805 - 1990 MHz
logo
Infineon Technologies A...
PXFC192207FHV3R0 INFINEON-PXFC192207FHV3R0 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 1805 ??1990 MHz
Rev. 04.1, 2016-06-22
PXFC192207FHV3R0XTMA1 INFINEON-PXFC192207FHV3R0XTMA1 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 1805 ??1990 MHz
Rev. 04.1, 2016-06-22
PXFC192207FHV3R250 INFINEON-PXFC192207FHV3R250 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 1805 ??1990 MHz
Rev. 04.1, 2016-06-22
More results

Similar Description - PXFC192207FH-V3-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC192207FH INFINEON-PXFC192207FH_16 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 1805 ??1990 MHz
Rev. 04.1, 2016-06-22
PXFC191507FC INFINEON-PXFC191507FC_16 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 ??1990 MHz
Rev. 02.1, 2016-06-22
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAC200902FC INFINEON-PXAC200902FC Datasheet
489Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 90 W, 28 V, 1805 ??2170 MHz
Rev. 02.1, 2016-02-11
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PXAC210552FC CREE-PXAC210552FC Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
PXFC191507FC CREE-PXFC191507FC Datasheet
517Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 ??1990 MHz
PXFC192207FH CREE-PXFC192207FH Datasheet
662Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 1805 - 1990 MHz
logo
WOLFSPEED, INC.
PXFC191507FC WOLFSPEED-PXFC191507FC Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 – 1990 MHz
Rev. 04, 2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com