Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCK201 Datasheet(PDF) 2 Page - International Rectifier

Part # IRMCK201
Description  High Performance Configurable Digital AC Servo Control IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK201 Datasheet(HTML) 2 Page - International Rectifier

  IRMCK201 Datasheet HTML 1Page - International Rectifier IRMCK201 Datasheet HTML 2Page - International Rectifier IRMCK201 Datasheet HTML 3Page - International Rectifier IRMCK201 Datasheet HTML 4Page - International Rectifier IRMCK201 Datasheet HTML 5Page - International Rectifier IRMCK201 Datasheet HTML 6Page - International Rectifier IRMCK201 Datasheet HTML 7Page - International Rectifier IRMCK201 Datasheet HTML 8Page - International Rectifier IRMCK201 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
•
Dynamic braking control for excess DC bus voltage
IRMCK201
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
2
Overview
IRMCK201 is a new International Rectifier integrated circuit device designed as a one-chip solution for complete
closed loop current control and velocity control for a high performance servo drive system. Unlike a traditional
microcontroller or DSP, IRMCK201 does not require any programming to complete complex AC servo algorithm
development. Combined with International Rectifier's high voltage gate drive and current sensing IC, the user can
implement a complete AC servo control with minimum component count and virtually no design effort. Although
IRMCK201 contains dedicated logic to perform closed loop control of AC current and velocity, it has a wide range of
application coverage through its flexible configuration ability. The drive can be easily configured for induction
machine closed loop vector control or permanent magnet motor servo drive. Rich motion peripherals, analog and
digital I/O can also be configured. Host communication logic contains an asynchronous RS232C or RS422
communication interface, a fast slave SPI interface and an 8-bit-wide Host Parallel Interface. All communication ports
have the same access capability to the host register set. The user can write to and read from the predefined registers to
configure and monitor the drive through these communication ports.
IRMCK201 Main Features
IRMCK201 contains the following functions for AC servo motor control applications:
•
Complete closed loop current control based on Synchronously Rotating Frame Field Orientation
•
Configurable update rate with PWM carrier frequency
•
Configurable parameters (all PI controller gains, PI output limit range, current feedback scaling, encoder
feedback scaling)
•
Configurable control structure for Induction machine or AC Permanent Magnet machine (Disable/enable slip
gain)
•
Closed loop velocity control with configurable update rate
•
Enable/disable velocity loop
•
Selectable reference input for torque and speed input
•
Analog reference input
•
RS232C/RS422 reference input
•
Cycle-by-cycle on/off Control for Brake IGBT
•
DC bus voltage feedback
•
Standard Encoder interface with Hall ABC support
•
A/B quadrature signal input up to 1 MHz
•
Choice of separate or multiplexed Hall A/B/C signal input
•
Auto-initialization with Hall A/B/C plus Z pulse input
•
Adaptable for any line count encoder from 200 PPR to 10,000 PPR
•
1/T counter (1 MHz) for low speed performance improvement
•
Space Vector PWM with deadtime insertion
•
IR2175 current sensing IC interface
•
IR213x high voltage gate driver IC interface
•
Low cost serial 12 bit A/D interface with multiplexer and sample/hold circuit
•
4 channel analog output by PWM
0-3.3 V, 120 kHz output
•
EEPROM for startup initialization of internal data/parameters through host register interface
AT24C01A, 128 x 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com