Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCK201 Datasheet(PDF) 13 Page - International Rectifier

Part # IRMCK201
Description  High Performance Configurable Digital AC Servo Control IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK201 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRMCK201 Datasheet HTML 9Page - International Rectifier IRMCK201 Datasheet HTML 10Page - International Rectifier IRMCK201 Datasheet HTML 11Page - International Rectifier IRMCK201 Datasheet HTML 12Page - International Rectifier IRMCK201 Datasheet HTML 13Page - International Rectifier IRMCK201 Datasheet HTML 14Page - International Rectifier IRMCK201 Datasheet HTML 15Page - International Rectifier IRMCK201 Datasheet HTML 16Page - International Rectifier IRMCK201 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
IRMCK201
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
13
Typical Application Connections
Typical application connection is shown in Figure 4.
In order to complete a high performance servo drive control,
all necessary components are shown in connection to IRMCK201.
IRMCK201
TX
RX
START
STOP
IFBCAL
FLTCLR
PWMACTIVE
SYNC
SCA
PARALLEL DATA
CONTROL SIGNALS
SCL
REDLED
GREENLED
PID[0-1]
SCLK
MISO
MOSI
CSN
SYSCLK
PWMUH
PWMUL
PWMVH
PWMVL
PWMWH
PWMWL
BRAKE
GATEKILL
IFB0
ENA
ENB
ENZ
HALLA
HALLB
HALLC
ADCLK
ADOUT
ADCONVST
ADMUX0
RESSAMPLE
Motor Current
Sensing
Encoder Interface
To PC
RS232C
Optional
Microcontroller
Input
Switches
Serial EEPROM
Bi-Color
LED
System Clock
IR2175
IR2175
ADS7818
4052
1/4
4066
DS3486
IFB1
DS3486
DS3486
1/4
4066
ADMUX1
PO
PO
5V
5V
5V
33MHz
Crystal
Isolator
Isolator
Isolator
Isolator
Isolator
Isolator
Isolator
Isolator
Isolator
Isolator
FAULTCLR
Isolator
SPI Interface
MAX232A
8051
uP
AT24C01A
Anaog reference input
DC bus voltage
Optional Current
sensing
Optional Current
sensing
DAC0
DAC1
DAC2
DAC3
Analog Output
BAUDSEL
Gate Drive
or
Intelligent IGBT
power module
(IRAMX16UP60A)
Figure 4.
Typical Connection of IRMCK201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com