Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCK201 Datasheet(PDF) 21 Page - International Rectifier

Part # IRMCK201
Description  High Performance Configurable Digital AC Servo Control IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK201 Datasheet(HTML) 21 Page - International Rectifier

Back Button IRMCK201 Datasheet HTML 17Page - International Rectifier IRMCK201 Datasheet HTML 18Page - International Rectifier IRMCK201 Datasheet HTML 19Page - International Rectifier IRMCK201 Datasheet HTML 20Page - International Rectifier IRMCK201 Datasheet HTML 21Page - International Rectifier IRMCK201 Datasheet HTML 22Page - International Rectifier IRMCK201 Datasheet HTML 23Page - International Rectifier IRMCK201 Datasheet HTML 24Page - International Rectifier IRMCK201 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
IRMCK201
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
21
Pin
Number
Pin Name
INTERNAL IC
RESISTOR
TERMINATION
Pin
Type
5.50 VOLT
TOLERANT
INPUT
INPUT DC
CHARACTERISTIC
TABLE
OUTPUT DC
CHARACTERISTIC
TABLE
40
SD
O
-
-
Table 9
41
N.C. (D0)
I
-
Table 8
-
42
PID0
20K -120K Pull
Up
I
-
Table 8
-
43
PID1
20K -120K Pull
Up
I
-
Table 8
-
44
LVDD
P
-
-
-
45
N.C. (D3)
I
-
Table 8
-
46
CSN
I
YES
Table 8
-
47
VSS
P
-
48
MOSI
I
YES
Table 8
49
MISO
O
-
-
Table 9
50
SCLK
I
YES
Table 8
-
51
TX
O
-
-
Table 9
52
RX
I
YES
Table 8
-
53
BAUDSEL
20K -120K Pull
Down
I
YES
Table 7
-
54
LVDD
P
-
-
-
55
ADMUX0
O
-
-
Table 9
56
N.C. (N2)
I
-
Table 8
-
57
VSS
P
-
-
-
58
ADMUX1
O
-
-
Table 9
59
RESSAMPLE
O
-
-
Table 9
60
ADCONVST
O
-
-
Table 9
61
ADCLK
O
-
-
Table 9
62
ADOUT
I
YES
Table 8
-
63
SYNC
O
-
-
Table 9
64
FAULT
O
-
-
Table 9
65
START
20K -120K Pull
Down
I
YES
Table 8
-
66
STOP
20K -120K Pull
Down
I
YES
Table 8
-
67
IFBCAL
20K -120K Pull
Down
I
YES
Table 8
-
68
FLTCLR
20K -120K Pull
Down
I
YES
Table 8
-
69
LVDD
P
-
-
-
70
PWMACTIVE
O
-
-
Table 9
71
DAC[3]
O
-
-
Table 9
72
VSS
P
-
-
-
73
DAC[2]
O
-
-
Table 9
74
DAC[1]
O
-
-
Table 9
75
DAC[0]
O
-
-
Table 9
76
HP_D[0]
20K -120K Pull
Down
B
-
Table 7
Table 9
77
HP_D[1]
20K -120K Pull
Down
B
-
Table 7
Table 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com