Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMC32 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PIMC32
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC32 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PIMC32 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
PIMC32
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
Tamb (°C)
- 75
175
125
25
75
- 25
006aab531
200
300
100
400
500
Ptot
(mW)
0
FR4 PCB, single-sided, 35 µm copper, tin-plated and standard footprint
Fig. 1. Per device: Power derating curve
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
-
-
432
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
105
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
-
-
298
K/W
[1] Device mounted on an FR4 PCB, single-sided, 35 µm copper, tin-plated and standard footprint.
006aaa494
10- 5
10
10- 2
10- 4
102
10- 1
tp (s)
10- 3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0.10
0.05
0.02
0.01
0
δ = 1
0.75
0.50
0.33
0.20
FR4 PCB, single-sided, 35µm copper, tin-plated and standard footprint
Fig. 2. Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
PIMC32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
16 February 2022
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com