Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMC32 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PIMC32
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC32 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PIMC32 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Nexperia
PIMC32
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
VCE (V)
0
-5
-4
-2
-3
-1
aaa-012627
-0.2
-0.3
-0.1
-0.4
-0.5
IC
(A)
0
IB = -0.55 mA
-0.8
-1.05
-1.55
-1.3
-2.3
-2.05
-2.55
-1.8
-2.8
Tamb = 25 °C
Fig. 11. TR2 (PNP): Collector current as a function of
collector-emitter voltage, typical values
006aaa359
IC (mA)
- 10- 1
- 103
- 102
- 1
- 10
- 1
- 10
VI(on)
(V)
- 10- 1
(1)
(2)
(3)
VCE = -0.3 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 12. TR2 (PNP): On-state input voltage as a function
of collector current; typical values
IC (mA)
- 10- 1
- 10
- 1
006aaa360
- 1
- 10
VI(off)
(V)
- 10- 1
(1)
(2)
(3)
VCE = -5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 13. TR2 (PNP): Off-state input voltage as a function
of collector current; typical values
aaa-012632
IC (mA)
-1
-103
-102
-10
-10-1
VCEsat
(V)
-10-2
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 14. TR2 (PNP): Collector-emitter saturation voltage
as a function of collector current; typical values
PIMC32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
16 February 2022
7 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com