Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMC32 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PIMC32
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC32 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PIMC32 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Nexperia
PIMC32
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
GND1
GND (emitter) TR1
2
I1
input (base) TR1
3
O2
output (collector) TR2
4
GND2
GND (emitter) TR2
5
I2
input (base) TR2
6
O1
output (collector) TR1
1
3
2
4
5
6
SC-74; TSOP6 (SOT457)
O1 I2
GND2
GND1
I1 O2
R2
TR1
TR2
R1
R2
R1
aaa-007379
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PIMC32
SC-74; TSOP6 plastic, surface-mounted package (SC-74; TSOP6); 6
leads
SOT457
7. Marking
Table 4. Marking codes
Type number
Marking code
PIMC32
4H
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor (TR2) with negative polarity where applicable
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
VI
input voltage
-5
12
V
IO
output current
-
500
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
290
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
420
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided, 35 µm copper, tin-plated and standard footprint.
PIMC32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
16 February 2022
2 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com