Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0402 Datasheet(PDF) 1 Page - Bivar, Inc.

Part # 0402
Description  SURFACE MOUNT LED ORANGE, 0402 PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

0402 Datasheet(HTML) 1 Page - Bivar, Inc.

  0402 Datasheet HTML 1Page - Bivar, Inc. 0402 Datasheet HTML 2Page - Bivar, Inc. 0402 Datasheet HTML 3Page - Bivar, Inc. 0402 Datasheet HTML 4Page - Bivar, Inc. 0402 Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 Web: www.bivar.com
Revision B 06/20
Page 1 of 5
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
Outline Dimensions

Industry Standard 0402 Package

RoHS Compliant

Small Package and Footprint

Water Clear Lens

Wide Viewing Angle

Ideal for Status Indication, Display, and Backlighting
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.006" unless otherwise noted.
Bivar Surface Mount 0402 package LED can be used in nearly any lighting or indication application.
It's ultra-miniature packaging makes it ideal for smaller handheld devices, small back panel displays,
and any other size constraint applications. Low power consumption and excellent long life reliability
makes it excellent for battery powered equipment and applications. Bivar offers water clear LED lens
for maximum luminous intensity. The SM0402 LED is packaged in standard tape and reels for pick and
place assemblers.
Part Number
Material
Emitted Color
Peak
Wavelength
λp (nm) TYP.
Luminous
Intensity
(mcd) TYP.
Viewing Angle
SM0402OC
AlGaInP
ORANGE
610
145
130°
Lens
Appearance
Water Clear


Similar Part No. - 0402

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
0402 KEMET-0402 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Tyco Electronics
0402 MACOM-0402 Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
UNIOHM CORPORATION
0402 UNIOHM-0402 Datasheet
5Mb / 4P
SMD Thick Film Chip Resistors
logo
M/A-COM Technology Solu...
0402 MA-COM-0402 Datasheet
131Kb / 3P
Type CRG Series
logo
Bivar, Inc.
0402 BIVAR-0402 Datasheet
533Kb / 5P
SURFACE MOUNT LED YELLOW, 0402 PACKAGE
Revision B 06/20
More results

Similar Description - 0402

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM0402BWC BIVAR-SM0402BWC Datasheet
535Kb / 5P
SURFACE MOUNT LED BLUE, 0402 PACKAGE
Revision B 06/20
SM0402GC BIVAR-SM0402GC Datasheet
534Kb / 5P
SURFACE MOUNT LED GREEN, 0402 PACKAGE
Revision B 06/20
SM0402PGC BIVAR-SM0402PGC Datasheet
538Kb / 5P
SURFACE MOUNT LED PURE GREEN, 0402 PACKAGE
Revision B 06/20
SM0402RC BIVAR-SM0402RC Datasheet
535Kb / 5P
SURFACE MOUNT LED RED, 0402 PACKAGE
Revision B 06/20
SM0402UWC BIVAR-SM0402UWC Datasheet
527Kb / 5P
SURFACE MOUNT LED WHITE, 0402 PACKAGE
Revision C 06/20
SM0402YC BIVAR-SM0402YC Datasheet
533Kb / 5P
SURFACE MOUNT LED YELLOW, 0402 PACKAGE
Revision B 06/20
SM0603OC BIVAR-SM0603OC Datasheet
498Kb / 5P
SURFACE MOUNT LED ORANGE, 0603 PACKAGE
Revision A 03/09
SM0805UOC BIVAR-SM0805UOC Datasheet
635Kb / 5P
SURFACE MOUNT LED ORANGE, 0805 PACKAGE
Revision A 03/09
SM1204UOC BIVAR-SM1204UOC Datasheet
513Kb / 5P
SURFACE MOUNT LED ORANGE, 1204 PACKAGE
Revision A 01/10
SM1206UOC BIVAR-SM1206UOC Datasheet
648Kb / 5P
SURFACE MOUNT LED ORANGE, 1206 PACKAGE
Revision A 03/09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com