Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0402 Datasheet(PDF) 5 Page - Bivar, Inc.

Part # 0402
Description  SURFACE MOUNT LED ORANGE, 0402 PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

0402 Datasheet(HTML) 5 Page - Bivar, Inc.

  0402 Datasheet HTML 1Page - Bivar, Inc. 0402 Datasheet HTML 2Page - Bivar, Inc. 0402 Datasheet HTML 3Page - Bivar, Inc. 0402 Datasheet HTML 4Page - Bivar, Inc. 0402 Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Packaging and Labeling Plan
Note: 1 Reel / Bag
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance unless otherwise noted: X.XXX ± 0.010"
X.X ± 0.1”
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 Web: www.bivar.com
Revision B 06/20
Page 5 of 5
Desiccant
Humidity Indicator Card
Vacuum and Heat Sealed
ESD/MBB Bag
Internal Quality Control Label
Bivar Standard Packaging Label



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com