Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0402 Datasheet(PDF) 2 Page - Bivar, Inc.

Part # 0402
Description  SURFACE MOUNT LED ORANGE, 0402 PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

0402 Datasheet(HTML) 2 Page - Bivar, Inc.

  0402 Datasheet HTML 1Page - Bivar, Inc. 0402 Datasheet HTML 2Page - Bivar, Inc. 0402 Datasheet HTML 3Page - Bivar, Inc. 0402 Datasheet HTML 4Page - Bivar, Inc. 0402 Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Power Dissipation
78 mW
Continuous Forward Current
30 mA
Peak Forward Current 1
100 mA
Reverse Voltage
5 V
Operating Temperature Range
-30 ~ +80°C
Storage Temperature Range
-40 ~ +85°C
Lead Soldering Temperature 2
260°C
Derating Linear From 25°C
0.4 mA/°C
Electrostatic Discharge (HBM)
2000 V
Electrical / Optical Characteristics
TA = 25°C & IF = 20 mA unless otherwise noted
Part Number
Forward
Voltage (V)
Recommend
Forward
Current (mA)
Reverse
Current
(μA)
Dominant
Wavelength (nm)
Luminous
Intensity Iv (mcd)
Viewing
Angle
2 Ө ½
(deg)
MIN TYP MAX MIN TYP MAX
MAX
MIN
TYP MAX MIN
TYP MAX
TYP
SM0402OC
/
2.1
2.6
/
20
/
10
/
605
/
90
145
/
130
1. ≤ 10% Duty Cycle, Pulse Width ≤ 0.1 msec.
2. Solder time less than 5 seconds at temperature extreme.
Notes:
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 Web: www.bivar.com
Revision B 06/20
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com