Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8987LGECO/RV Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8987LGECO/RV
Description  Stereo CODEC for Portable Audio Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987LGECO/RV Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8987LGECO/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8987LGECO/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8987LGECO/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8987LGECO/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8987LGECO/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8987LGECO/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8987LGECO/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8987LGECO/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8987LGECO/RV Datasheet HTML 58Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
Pre-Production
WM8987L
w
PP Rev 3.0 January 2007
55
Figure 48 Driving single-ended headphones without DC-blocking capacitors
It requires the following register settings:
•
Set only the LOUT2, ROUT2 and OUT3 bits in R26 to ‘1’ to enable LOUT2, ROUT2,
OUT3 and the associated mixers. The ROUT1 and MONO bits should remain at ‘0’.
•
Set LD2LO (R34) and RD2RO (R37) to ‘1’ to enable the correct audio paths (in the case
of audio playback from an analogue source, select the input pin using LMIXSEL and
RMIXSEL, and set LI2LO/RI2RO instead of LD2LO/RD2RO).
•
Leave OUT3SW = 0 in R24, so that the potential at OUT3 is the same as VREF.
•
Leave ROUT2INV = 0 in R24, so that the right-channel signal going to ROUT2 is not
inverted.
•
The left channel volume is controlled by LOUT2VOL.
•
The right channel volume is controlled by ROUT2VOL.
As the OUT3 pin produces a DC voltage of AVDD/2 (=VREF), there is no DC offset between
LOUT2/ROUT2 and OUT3, and therefore no DC blocking capacitors are required. This saves space
and material cost in portable applications. However, compared to the single-ended configuration
using capacitors, the WM8987L power consumption is higher, due to the additional power consumed
in the OUT3 driver.
It is recommended to connect the capless headphone outputs only to headphones, and not to the
line input of another system. Although the built-in short circuit protection will prevent any damage to
the headphone outputs, such a connection may be noisy, and may not function properly if the other
system is grounded.
MICROPHONE INPUT CONFIGURATION
Figure 49 Recommended Circuit for Line Input
R2
47kOhm
C1
220pF
C2
1uF
AGND
AGND
AGND
LINPUT1/2
RINPUT1/2
FROM
MICROPHONE
R1
680 Ohm to 2.2kOhm
check microphone's specification
MICBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com