Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7779 Datasheet(PDF) 13 Page - ams AG

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Datasheet(HTML) 13 Page - ams AG

Back Button SFH7779 Datasheet HTML 9Page - ams AG SFH7779 Datasheet HTML 10Page - ams AG SFH7779 Datasheet HTML 11Page - ams AG SFH7779 Datasheet HTML 12Page - ams AG SFH7779 Datasheet HTML 13Page - ams AG SFH7779 Datasheet HTML 14Page - ams AG SFH7779 Datasheet HTML 15Page - ams AG SFH7779 Datasheet HTML 16Page - ams AG SFH7779 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
13 | Version 1.7 | 2023-05-24
Characteristics
TA = 25 °C
Parameter
Symbol
Values
Ambient Light Sensor: ALS_VIS and ALS_ IR diode
Wavelength of max. sensitivity for ALS VIS
λ Smax
typ.
560 nm
Spectral range of sensitivity (10 % of Smax)
of ALS VIS
λ S10%
min.
max.
450 nm
950 nm
Wavelength of max. sensitivity of ALS IR
λ Smax
typ.
880 nm
Spectral range of sensitivity (10 % of Smax)
of ALS IR
λ S10%
min.
max.
830 nm
1050 nm
Illuminance measurement range is programmable
the maximum ALS sensitivity can be reached with the ALS high
sensitivity mode → 400ms ALS integration time
MODE_CONTROL (0x41h) = 0Ah or 0Bh
min.
max.
0.0022 lx
73000 lx
ALS VIS sensor output
1000lx; white LED; VDD = 2.5V
MODE_CONTROL (0x41h) = 08h
ALS_PS_CONTROL (0x42h): Gain X1
ALSVIS_out
min.
typ.
max.
750 counts
900 counts
1080 counts
ALS IR sensor output
324µW/cm2; IRED 850 nm; VDD = 2.5V)
(MODE_CONTROL (0x41h) = 08h
ALS_PS_CONTROL (0x42h): Gain = X1
ALSIR_out
min.
typ.
max.
460 counts
550 counts
660 counts
ALS_VIS sensor output at darkness
MODE_CONTROL (0x41h) 08h
ALS_PS_CONTROL (0x42h): Gain = X1
ALSVIS_out
min.
typ.
max.
0 counts
0 counts
2 counts
ALS_IR sensor output at darkness
MODE_CONTROL (0x41h) = 08h
ALS_PS_CONTROL (0x42h): Gain = X1
ALSIR_out
min.
typ.
max.
0 counts
0 counts
2 counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com