Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7779 Datasheet(PDF) 21 Page - ams AG

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Datasheet(HTML) 21 Page - ams AG

Back Button SFH7779 Datasheet HTML 17Page - ams AG SFH7779 Datasheet HTML 18Page - ams AG SFH7779 Datasheet HTML 19Page - ams AG SFH7779 Datasheet HTML 20Page - ams AG SFH7779 Datasheet HTML 21Page - ams AG SFH7779 Datasheet HTML 22Page - ams AG SFH7779 Datasheet HTML 23Page - ams AG SFH7779 Datasheet HTML 24Page - ams AG SFH7779 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
21 | Version 1.7 | 2023-05-24
Typical crosstalk free range
VDD=2.5V; ILED=200mA; Trep=100ms; glass without ink and a two separate IR transmissive openings for emitter and
detector
Note for crosstalk free range: The displayed crosstalk free ranges for a single or two hole IR transmissive opening are
measured with a clear cover. Depending on the used ink the crosstalk level can differ and needs to be measured. OSRAM
OS provides costumer related application support and measurements – please contact your OSRAM OS marketing or
sales partner, if support is required.
As the measurement results show the typical performance of the sensor OSRAM OS recommends to design inn a additional
safety guard in the distance of the cover bottom surface to the top of the sensor of 200µm. e.g.: for a 0.5mm thick cover
window with two holes and an acceptable crosstalk level of 0 counts the distance of the cover window bottom surface to the
top of the sensor should not exceed 0.6mm (typ. it would be 0.8mm)
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com