Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-008 Datasheet(PDF) 4 Page - Black Box Registered Trademark

Part # SW-008
Description  8 Port Unmanaged Ethernet Switch Wall Mountable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-008 Datasheet(HTML) 4 Page - Black Box Registered Trademark

  SW-008 Datasheet HTML 1Page - Black Box Registered Trademark SW-008 Datasheet HTML 2Page - Black Box Registered Trademark SW-008 Datasheet HTML 3Page - Black Box Registered Trademark SW-008 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
© Brainboxes 2021
BBSW190121
8 Port Ethernet Switch 10/100
SW-008
SW Range
Switch products available
in a range of formats and
specifications.
www.brainboxes.com
MK-048
DIN Rail Mounting Kit Suitable
for attaching to SW-005 to
make device clip on to a DIN
rail.
PW-600
Power supply with connectors
for UK, USA, EU and AUS mains
socket. ‘Tails’ are suitable for
connecting to screw terminal
blocks.
Product Information
Product Weight
0.134 kg, 4.73 ounces
Product Dimensions
107x102x28 mm, 4.2x4.0x1.1 inches
Packaging Information
Packaging
Quick Start Guide
Device
8 Port Ethernet Switch
Packaged Weight
0.226 kg, 7.97 ounces
Packaged Dims
160x135x49 mm, 6.3x5.3x1.9 inches
GTIN Universal Code
837324004373
Approvals
Industry Approvals
Microsoft Certified Gold Partner, WEEE, RoHS, AEO (C-TPAT), CE, METL
Complies with UL62368-1, UKCA
Product Support
Warranty
Lifetime - online registration required
Support
Lifetime Web, Email and Phone Support from fully qualified, friendly staff
who work in and alongside the Product Development Team
Additional Information
OEM option
Available for bulk buy OEM
Made In
Manufactured in the UK by Brainboxes Winner 2005 European Electronics
Industry Awards ‘Manufacturer of the Year’
Customisable
Brainboxes operate a ‘Perfect Fit Custom Design’ policy for volume users.
More info:sales@brainboxes.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com