Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-008 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # SW-008
Description  8 Port Unmanaged Ethernet Switch Wall Mountable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-008 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  SW-008 Datasheet HTML 1Page - Black Box Registered Trademark SW-008 Datasheet HTML 2Page - Black Box Registered Trademark SW-008 Datasheet HTML 3Page - Black Box Registered Trademark SW-008 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS
RoHS
MADE IN
BRITAIN
IP30
UK +44 (0)151 220 2500
www.brainboxes.com
USA +1 855 958 2502
sales@brainboxes.com
• 8 Port 10/100 Mbs Ethernet Switch
• Power input: +5V to +30V DC
• -10ºC to +60ºC/+14ºF to +140ºF
temperature range
• Compact design with integral wall
mount
• No software required - Simply plug in
and connect
• Integral wall mount or optional DIN
rail mount
Integral wall mount option can
be used with
MK-048 clips to allow DIN rail
mounting
+5 to +30 Volt Power Input
enables the device to be run
from a standard car battery -
ideal for in vehicle applications
Non conducting polyamide
casing prevents electrical
conduction – for safer
installation
8 Port Unmanaged Ethernet Switch Wall Mountable
8 Port Ethernet Switch 10/100
SW-008


Similar Part No. - SW-008

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
SW-005 BLACKBOX-SW-005 Datasheet
900Kb / 4P
5 Port Unmanaged Ethernet Switch Wall Mountable
logo
Brainboxes Limited
SW-005 BRAINBOXE-SW-005 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
More results

Similar Description - SW-008

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2528-I ADVANTECH-EKI-2528-I Datasheet
373Kb / 2P
8-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-180-L ORING-IES-180-L Datasheet
757Kb / 3P
Industrial 8-port unmanaged Ethernet switch
TES-1080-M12 ORING-TES-1080-M12 Datasheet
3Mb / 4P
8-port unmanaged Ethernet switch
TES-1080-M12-BP2 ORING-TES-1080-M12-BP2 Datasheet
3Mb / 4P
8-port unmanaged Ethernet switch
TGS-1080-M12-BP2 ORING-TGS-1080-M12-BP2 Datasheet
3Mb / 4P
8-port unmanaged Gigabit Ethernet switch
logo
Brainboxes Limited
SW-504 BRAINBOXE-SW-504 Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch DIN Mountable
SW-715 BRAINBOXE-SW-715 Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch DIN Mountable
SW-505 BRAINBOXE-SW-505 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch Compact DIN Mountable
2016
logo
Black Box Registered Tr...
SW-005 BLACKBOX-SW-005 Datasheet
900Kb / 4P
5 Port Unmanaged Ethernet Switch Wall Mountable
SW-015 BLACKBOX-SW-015 Datasheet
970Kb / 4P
5 Port Unmanaged Gigabit Ethernet Switch Wall Mountable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com