Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-008 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # SW-008
Description  8 Port Unmanaged Ethernet Switch Wall Mountable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-008 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  SW-008 Datasheet HTML 1Page - Black Box Registered Trademark SW-008 Datasheet HTML 2Page - Black Box Registered Trademark SW-008 Datasheet HTML 3Page - Black Box Registered Trademark SW-008 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
Easy Wire Removable screw terminal
block
No software needed: Simply plug in
any ethernet cable
Wide Range Input Power: +5VDC to +30VDC
Power consumption is optimised
based on the status of the link
device
All Ethernet ports are Auto MDI/
MDIX supporting straight through
or crossover Ethernet cables
2k Byte maximum packet size –
improves the efficiency of bulk data
transfer and system performance
8 Port Ethernet Switch 10/100
SW-008
Automatic detection of data
transmission speed: 10 or 100 MBps
Wall mount holes compatible with
MK-048 DIN mount clips
IP30 Non-conducting polyamide case
-10ºC to +60ºC/+14ºF to +140ºF
temperature range
Connectors
Screw Terminals
3 way x 0.2inch/5.08mm pitch power supply
Wire Thickness
0.150 inch, 3.81mm, 20 pins, 12+8 screw terminals, #26 - #16 AWG,
0.14mm2-1.3mm2
Power Supply
Power Consumption
1.5 Watts Max : 300 mAmps@+5VDC/50mAmps@+30VDC
Power Supply input
Unregulated +5V to +30Volts DC, reverse polarity protection
Isolation
1500VRMS Magnetic isolation from Ethernet
Environmental
Operating Temperature
-10ºC to +60ºC / +14ºF to +140ºF
Storage Temperature
-10ºC to +70ºC / +14ºF to +158ºF
Ambient Relative Humidity
5 to 95% (non-condensing)
Magjack LED Information
Link/Activity LED
Solid green
Connection established
Flashing Green
Data communication
Ethernet
Ethernet Port
8 x RJ45 jack, 10/100Mhz autosensing, crossover auto sensing (Auto
MDIX)
Protection
1,500 Volts magnetic isolation between ports
Housing
IP-30 rated non-conducting polyamide case



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com