Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-125 Datasheet(PDF) 4 Page - Black Box Registered Trademark

Part # SW-125
Description  Embedded Industrial 5 Port PoE Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-125 Datasheet(HTML) 4 Page - Black Box Registered Trademark

  SW-125 Datasheet HTML 1Page - Black Box Registered Trademark SW-125 Datasheet HTML 2Page - Black Box Registered Trademark SW-125 Datasheet HTML 3Page - Black Box Registered Trademark SW-125 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
© Brainboxes 2021
BBSW190121
Embedded Industrial 5 Port PoE+ Ethernet Switch
SW-125
SW Range
Switch products available
in a range of formats and
specifications.
www.brainboxes.com
PW-301
DIN Rail Power Supply
PW-323
PoE Splitter
Product Information
Product Weight
0.076 kg, 2.68 ounces
Product Dimensions
100x90x60 mm, 3.9x3.5x2.4 inches
Packaging Information
Packaging
Quick Start Guide, Device
Packaged Weight
0.226 kg, 7.97 ounces
Packaged Dims
160x135x49 mm, 6.3x5.3x1.9 inches
GTIN Universal Code
837324004588
Industry Approvals
Microsoft Certified Gold Partner, WEEE, RoHS, AEO (C-TPAT), CE, UKCA,
METL Complies with UL62368-1
HTS
8517620000
ECCN
5A991.b
CAGE
8QCY6
Warranty
Lifetime - online registration required
Support
Lifetime Web, Email & Phone Support from fully qualified, friendly staff
who work in and alongside the Product Development Team
Standards
ISO9001, ISO14001
OEM option
Available for bulk buy OEM
COO (Country of Origin)
GB
Made In
Manufactured in GB by Brainboxes
Customisable
Brainboxes operate a ‘Perfect Fit Custom Design’ policy for volume users
More info:sales@brainboxes.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com