Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-125 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # SW-125
Description  Embedded Industrial 5 Port PoE Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-125 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  SW-125 Datasheet HTML 1Page - Black Box Registered Trademark SW-125 Datasheet HTML 2Page - Black Box Registered Trademark SW-125 Datasheet HTML 3Page - Black Box Registered Trademark SW-125 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
IP20
Provides additional Ethernet
ports for your custom
application
Embedded format, takes up
minimal space, with mounting
holes connected to Functional
Earth
Send power and data to
remote CCTV cameras, PoE
telephones, PoE Wifi access
points, NVRs, and more
5 Port (Ports 1-4 PoE+) Unmanaged 10/100 Ethernet Switch
Embedded Industrial 5 Port PoE+ Ethernet Switch
SW-125
• 5 port PoE+ 10/100 Fast Ethernet device
• Ports 1-4 PoE+ capable
• Fully compliant to IEEE 802.3af/at
• PoE Power Budget: 90W @ 70ºC between
all 4 PoE ports simultaneously
• Industrial temp range: -40ºC to +70ºC
• Redundant dual power inputs: +44V to
+57V DC
• Compact, embeddable design
• Allows power and data to be combined
on the same Ethernet cable


Similar Part No. - SW-125

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-121 MACOM-SW-121 Datasheet
97Kb / 1P
SPST RF Switch 10 - 1000 MHz
SW-121-PIN MACOM-SW-121-PIN Datasheet
135Kb / 3P
SPST RF Switch, 10-1000MHz
logo
M/A-COM Technology Solu...
SW-121-PIN MA-COM-SW-121-PIN Datasheet
54Kb / 3P
SPST RF Switch, 10 - 1000 MHz
logo
Tyco Electronics
SW-121PIN MACOM-SW-121PIN Datasheet
97Kb / 1P
SPST RF Switch 10 - 1000 MHz
SW-124 MACOM-SW-124 Datasheet
83Kb / 1P
SP4T RF Switch 10 - 1000 MHz
More results

Similar Description - SW-125

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2526PI ADVANTECH-EKI-2526PI Datasheet
560Kb / 1P
5-port Industrial PoE Switch
EKI-2525P-BE ADVANTECH-EKI-2525P-BE Datasheet
335Kb / 2P
5-port Industrial PoE Switch
EKI-3725P-AE ADVANTECH-EKI-3725P-AE Datasheet
603Kb / 2P
5-port Gigabit Unmanaged PoE Industrial Ethernet Switch
logo
ORing Industrial Networ...
TXPS-141XT-M12 ORING-TXPS-141XT-M12 Datasheet
385Kb / 5P
5-port unmanaged PoE Ethernet switch
logo
List of Unclassifed Man...
HEST10M-8E-2G ETC2-HEST10M-8E-2G Datasheet
721Kb / 3P
Industrial Ethernet POE/PoE Switch
logo
Advantech Co., Ltd.
EKI-2525P ADVANTECH-EKI-2525P Datasheet
336Kb / 2P
5-port Industrial PoE Switch
23-Aug-2016
logo
Black Box Registered Tr...
PE-505 BLACKBOX-PE-505 Datasheet
8Mb / 19P
Pure Embedded 10/100 5 Port Industrial Ethernet Switch
SW-115 BLACKBOX-SW-115 Datasheet
1Mb / 4P
EMBEDDED INDUSTRIAL 5 PORT GIGABIT ETHERNET SWITCH
SW-525 BLACKBOX-SW-525 Datasheet
1Mb / 4P
Industrial 5 Port PoE 10/100 Ethernet Switch
SW-725 BLACKBOX-SW-725 Datasheet
1Mb / 4P
Hardened Industrial 5 Port PoE Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com