Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-125 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # SW-125
Description  Embedded Industrial 5 Port PoE Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-125 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  SW-125 Datasheet HTML 1Page - Black Box Registered Trademark SW-125 Datasheet HTML 2Page - Black Box Registered Trademark SW-125 Datasheet HTML 3Page - Black Box Registered Trademark SW-125 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
Easy Wire Removable screw
terminal block
90W PoE Power Budget shared
between 4 Ethernet Ports
Dual redundant power input:
+44VDC to +57VDC
Power consumption is optimised
based on the status of the link
device
2k Byte maximum packet size –
improves the efficiency of bulk data
transfer and system performance
Embedded Industrial 5 Port PoE+ Ethernet Switch
SW-125
Automatic detection of
data transmission speed:
10 or 100 MBps
Ready for embedded applications
Ports 1-4 IEEE 802.3af/
at compliant: deliver
up to 30W to each port
(backwards compatible)
-40ºC to +70ºC/-40ºF to +158ºF
temperature range
Connectors
Screw Terminals
3.5mm pitch, #22 - #14, 0.5mm2-2.5mm2 pin power supply
Wire Thickness
0.150 inch, 3.81mm, 20 pins, 12+8 screw terminals, #26 - #16 AWG,
0.14mm2-1.3mm2
Power Supply
Power Consumption
Ports 1-4 IEEE 802.3af/at compliant: deliver up to 30W to each port
(backwards compatible)
4 Watts Max : 91mAmps@+44VDC/70mAmps@+57VDC
PoE Power Budget
Power Supply input
90W @ 70ºC
Unregulated +44V to +57Volts DC, reverse polarity protection
Isolation
1500VRMS Magnetic isolation from Ethernet
Environmental
Operating Temperature
-40ºC to +70ºC/-40ºF to +158ºF
Storage Temperature
-40ºC to +70ºC/-40ºF to +158ºF
Ambient Relative Humidity
5 to 95% (non-condensing)
Magjack LED Information
Link/Activity LED
Solid green
Connection established
Flashing Green
Data communication
PoE Power LED
(Ports 1-4)
Solid Yellow
Flashing Yellow
PoE Power ON
Power Warning
Ethernet
Ethernet Port
5 x RJ45 jack, 10/100Mhz autosensing, crossover auto sensing (Auto
MDIX)
Protection
1,500 Volts magnetic isolation between ports
Housing
This device is uncased for embedded applications
The mounting holes are connected to Functional Earth



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com