Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM05EY100DO3-ST-R02 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # DM05EY100DO3-ST-R02
Description  MICA CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05EY100DO3-ST-R02 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  DM05EY100DO3-ST-R02 Datasheet HTML 1Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 2Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
SUSCO Engineers & Buyers Guide - Mica Section
Tel: 516-981-6690
Fax: 516-981-6867
MICA CAPACITORS
Quick Reference Guide
SAHA DESIGNATION
DM 05
DM 10
DM 12
DM 15
MIL STYLE - Discontinued
-
CM 04
-
CM 05
CAPACITANCE RANGE pF
1 to 390
1 to 390
1 to 2500
1 to 1200
MAXIMUM
50 V DC
390
820
-
2500
CAPACITANCE
100 V DC
200
390
2500
2000
IN pF IN THE
300 V DC
120
360
820
2000
RATED
500 V DC
-
250
430
750
VOLTAGE
1000 V DC*
-
-
-
-
INDICATED
MAXIMUM
L
0.270
0.390
0.413
0.490
NOMINAL
W
0.250
0.380
0.433
0.420
DIMENSIONS IN
T
0.190
0.220
0.220
0.240
INCHES
B
0.120
0.141
0.200
0.234
MAXIMUM
L
6.86
9.91
10.49
12.45
NOMINAL
W
6.35
9.65
11.00
10.67
DIMENSIONS IN
T
4.83
5.59
5.59
6.10
mm
B
3.05
3.58
5.08
5.94
SAHA DESIGNATION
DM 19
DM 20
DM 30
DM 42
MIL STYLE - Discontinued
CM 06
-
CM 07
-
CAPACITANCE RANGE pF
1 to 8200
680 to 12,000
5100 to 20,000 16000 to 82000
MAXIMUM
50 V DC
-
-
-
-
CAPACITANCE
100 V DC
8200
12000
-
82000
IN pF IN THE
300 V DC
6800
12000
20000
68000
RATED
500 V DC
5100
10000
20000
51000
VOLTAGE
1000 V DC*
4700
-
12000
30000
INDICATED
MAXIMUM
L
0.710
0.820
0.830
1.470
NOMINAL
W
0.590
0.630
0.920
0.920
DIMENSIONS IN
T
0.370
0.450
0.450
0.450
INCHES
B
0.344
0.438
0.438
1.063
MAXIMUM
L
18.03
20.83
21.08
37.34
NOMINAL
W
14.99
16.00
23.37
23.37
DIMENSIONS IN
T
9.40
11.43
11.43
11.43
mm
B
8.74
11.13
11.13
27.00
DM Series General Specifications by Case Size
M Series
General Specifications
(Formerly Sold as
RS Components 124-XXX series)
MMR & MMA Series General Specifications
SAHA
Designation
M - 6
M - 12
Capacitance
Range in pF
22 - 68
82 - 220
Maximum
Capacitance in
68
220
the rated voltage
350 VDC
SAHA
Designation
M - 37
M - 50
Capacitance
Range in pF
270 - 560
680 - 10000
Maximum
Capacitance in
560
10000
the rated voltage
350 VDC
SAHA Designation
MMR B - 1 MMR B - 2
MMR L - 1
MMR E - 1
MMR E - 2
Capacitance Range (pF)
4 - 1,500
750 - 2,500
4 - 1,500
4 - 6,000
4,001 - 10,000
Maximum
100 V DC
1,500
1,500
1,500
6,000
10,000
Capacitance in
350 V DC
750
1,500
750
4,000
7,500
the rated voltage
750 V DC
-
-
-
-
-
SAHA Designation
MMR A - 1 MMR A - 2
MMR A - 3
MMR A - 4
MMR S - 1
Capacitance Range (pF)
4 - 7,500
4 - 15,000
2,001 - 27,000 3,501 - 40,000
4 - 60,000
Maximum
100 V DC
7,500
15,000
27,000
40,000
60,000
Capacitance in
350 V DC
5,000
10,000
15,000
20,000
50,000
the rated voltage
750 V DC
1,000
2,000
3,500
5,000
-
SAHA Designation
MMA 10
MMA 15
MMA 20
MMA 30
Capacitance Range (pF)
10 - 5,100
10 - 1,000
10 - 2,700
560 - 43,000
Maximum
300 V DC
5,100
-
-
43,000
Capacitance in
500 V DC
380
1,000
2,700
30,000
the rated voltage
-
-
-
-
MMR Series (Equivalent to: ASHCROFT (GB) and JAHRE (D) Molded Radial)
MMA Series (Equivalent to: ASHCROFT (GB) and JAHRE (D) Molded Axial)
* Available as special part.
MICA CAPACITORS
330 - 430


Similar Part No. - DM05EY100DO3-ST-R02

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DM05 AEC-DM05 Datasheet
229Kb / 3P
miniature pcb power relay
logo
Willow Technologies Ltd
DM05 WILLOW-DM05 Datasheet
229Kb / 3P
miniature pcb power relay
DM05-1011-25-1003 WILLOW-DM05-1011-25-1003 Datasheet
229Kb / 3P
miniature pcb power relay
DM05-1011-25-1005 WILLOW-DM05-1011-25-1005 Datasheet
229Kb / 3P
miniature pcb power relay
DM05-1011-25-1006 WILLOW-DM05-1011-25-1006 Datasheet
229Kb / 3P
miniature pcb power relay
More results

Similar Description - DM05EY100DO3-ST-R02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
MICA CAPACITORS
logo
Cornell Dubilier Electr...
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
HIGH - RELIABILITY, MICA CAPACITORS
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
Mica Capacitors, Standard Dipped
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
Mica Capacitors
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
Mica Capacitors
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
Mica Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com