Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM05EY100DO3-ST-R02 Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # DM05EY100DO3-ST-R02
Description  MICA CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05EY100DO3-ST-R02 Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  DM05EY100DO3-ST-R02 Datasheet HTML 1Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 2Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Tel: 516-981-6690
Fax: 516-981-6867
SUSCO Engineers & Buyers Guide - Mica Section
2
MICA CAPACITORS
TYPE 1- Capacitance in pF,
tolerance in percentage or +/-
pF and voltage(Vdc) are indi-
cated in numbers along with
the brand marking. Brand
marking of “SAHA”, “S” or
“KEC” are common. Parts are
also supplied with no brand
marking in some cases based
on product availability and
customer requirements.
Part Marking
150 ± 5%
500V
SAHA
CM 05 FD
151JO3
SAHA
151J or
150 pF
+/- 5%
TYPE 1
TYPE 3
TYPE 2
TYPE 2 - Formerly for
Military certified Capacitors.
The CM series code has
been discontinued.
TYPE 3 - Capacitance in
EIA capacitance code
(as in Type 2) and toler-
ance with tolerance code
or capacitance value in
pF with tolerance in +/-
% or +/- pF are marked
on
the
capacitors.
Voltage is not marked on
the part. Brand marking
is optional.
MICA CAPACITOR -
PART NUMBERING SYSTEM
Sample Part Number: DM05FA151J-CA Description: DM05 Series, 150pF, 100 Volt, 5% in Ammo Pack, Inside Crimped.
D
M
0
5
F
A
1
5
1
J
O
3
-
S
A
-
R
0
2
Series
Enter Series Code: (up to 4 Characters)
Series included: DM05, DM10, DM12, DM15,
DM19, DM20, DM30, DM42.
Characteristic
Enter characteristic code: ( 1 Character)
Temperature
Characteristic
Coefficient
Capacitance
Letter
PPM/C
Drift
C
-200 to +200
± (0.5% + 0.1pF)
D
-100 to +100
± (0.3% + 0.1pF)
E
-20 to +100
± (0.1% + 0.1pF)
F
0 to +70
± (0.05% + 0.1pF)
see catalog for individual part characteristic code
Rated Voltage
Enter voltage code: (1 character)
RatedVoltageCode
RatedVoltageCode
LetterCode
Volts DCW
LetterCode
Volts DCW
Y
50
E
350
A
100
D
500
C
300
F*
1000*
* Note: Not for use in snubber applications
Capacitance
Enter EIA Capacitance Code: (3 Digits)
First Two Digits represents significant figures of capacitance in Picofarads.
Third Digit indicates number of zeros to follow.
Example: 10pF = 100, 100pF = 101, 1000pF = 102
Tolerance
Enter Capacitance Tolerance Code: ( 1 Character)
Tolerance Code
D
±0.5pF
H
± 3 %
E
± 0.5 %
J
± 5 %
F
± 1 %
K
± 10 %
G
± 2 %
Temperature Range
Code O = -55 to +125 C
Vibration Grade
Standard Grade = 3
(see catalog for details)
Marking
S = Saha
Package Type
Bulk
< Blank >
Ammo Pack
A
Tape & Reel
T
Special Specifications
C
Cut
followed by 2 Digit specification code 01 -99
R
Crimped
followed by 2 Digit specification code 01 -99
P
Cut & Crimped
followed by 2 Digit specification code 01 -99
Examples:
C 0 2 = cut leads to 0.175 mm
P 0 2 = cut leads to 0.175 mm and inside crimp
(See Special Specifications Sheet)
Rev D - 2/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com