Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM05EY100DO3-ST-R02 Datasheet(PDF) 15 Page - Sharma Electro Components,Inc

Part # DM05EY100DO3-ST-R02
Description  MICA CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05EY100DO3-ST-R02 Datasheet(HTML) 15 Page - Sharma Electro Components,Inc

Back Button DM05EY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 13Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 14Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 15Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 16Page - Sharma Electro Components,Inc DM05EY100DO3-ST-R02 Datasheet HTML 17Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
SUSCO Engineers & Buyers Guide - Mica Section
Tel: 516-981-6690
Fax: 516-981-6867
MICA CAPACITORS
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 100
F
17.78
11.43
3.05
200 - 620
F
17.78
11.43
3.30
750 - 1,200
F
17.78
11.43
3.56
1,200 - 1,600
F
17.78
11.68
3.81
1,800
F
18.03
11.68
3.81
2,000 - 2,200
F
18.03
11.68
4.06
2,400 - 2,700
F
18.03
11.68
5.08
3,300 - 3,300
F
18.29
11.94
5.59
3,600
F
18.29
11.94
5.84
3,900
F
18.29
12.19
6.10
4,300
F
18.29
12.19
6.35
18.29
11.94
5.33
4,700
F
18.54
12.19
6.60
18.29
11.94
5.59
5,100
F
18.54
12.45
6.86
18.29
11.94
5.84
5,600
F
18.54
12.45
7.11
18.29
12.19
6.10
6,200
F
18.80
12.45
7.62
18.29
12.19
6.35
18.29
11.94
5.59
6,800
F
18.80
12.70
8.13
18.54
12.19
6.60
18.29
11.94
5.84
7,500
F
19.05
12.70
8.64
18.54
12.45
6.86
18.29
12.19
6.10
8,200
F
19.05
12.95
9.14
18.54
12.45
7.11
18.29
12.19
6.35
9,100
F
19.30
13.21
9.65
18.80
12.45
7.37
18.54
12.19
6.60
10,000
F
19.30
13.46
10.16
18.80
12.45
7.62
18.54
12.45
6.86
11,000
F
18.80
12.70
8.13
18.54
12.45
7.11
12,000
F
19.05
12.70
8.64
18.80
12.45
7.37
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 100
F
0.700
0.450
0.120
200 - 620
F
0.700
0.450
0.130
750 - 1,200
F
0.700
0.450
0.140
1,200 - 1,600
F
0.700
0.460
0.150
1,800
F
0.710
0.460
0.150
2,000 - 2,200
F
0.710
0.460
0.160
2,400 - 2,700
F
0.710
0.460
0.200
3,300 - 3,300
F
0.720
0.470
0.220
3,600
F
0.720
0.470
0.230
3,900
F
0.720
0.480
0.240
4,300
F
0.720
0.480
0.250
0.720
0.470
0.210
4,700
F
0.730
0.480
0.260
0.720
0.470
0.220
5,100
F
0.730
0.490
0.270
0.720
0.470
0.230
5,600
F
0.730
0.490
0.280
0.720
0.480
0.240
6,200
F
0.740
0.490
0.300
0.720
0.480
0.250
0.720
0.470
0.220
6,800
F
0.740
0.500
0.320
0.730
0.480
0.260
0.720
0.470
0.230
7,500
F
0.750
0.500
0.340
0.730
0.490
0.270
0.720
0.480
0.240
8,200
F
0.750
0.510
0.360
0.730
0.490
0.280
0.720
0.480
0.250
9,100
F
0.760
0.520
0.380
0.740
0.490
0.290
0.730
0.480
0.260
10,000
F
0.760
0.530
0.400
0.740
0.490
0.300
0.730
0.490
0.270
11,000
F
0.740
0.500
0.320
0.730
0.490
0.280
12,000
F
0.750
0.500
0.340
0.740
0.490
0.290
SCDM 20 Mica Capacitors
SCDM20
Case
Dimensions
in Millimeters
Lead Spacing:
11.11 ± 0.8mm
SCDM20
Case
Dimensions
in Inches
Lead Spacing:
0.438 ± 0.031”
Note: Bold Outlined Sections indicate SUSCO Standard items.
DIMENSIONS:
LL = 31.75 mm (1.25”) min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com