Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA151 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BTA151
Description  Thyristors sensitive gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA151 Datasheet(HTML) 5 Page - NXP Semiconductors

  BTA151 Datasheet HTML 1Page - NXP Semiconductors BTA151 Datasheet HTML 2Page - NXP Semiconductors BTA151 Datasheet HTML 3Page - NXP Semiconductors BTA151 Datasheet HTML 4Page - NXP Semiconductors BTA151 Datasheet HTML 5Page - NXP Semiconductors BTA151 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BTA151 series
sensitive gate
MECHANICAL DATA
Dimensions in mm
Net Mass: 0.8 g
Fig.13. SOT82; pin 2 connected to mounting base.
Notes
1. Refer to mounting instructions for SOT82 envelopes.
2. Epoxy meets UL94 V0 at 1/8".
4.58
2.54
max
1)
1.2
2.8
2.3
3.1
2.5
1
23
0.88
max
2.29
15.3
min
11.1
max
3.75
7.8
max
1) Lead dimensions within this
zone uncontrolled.
0.5
mounting
base
September 1997
5
Rev 1.200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com