Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA151 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BTA151
Description  Thyristors sensitive gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA151 Datasheet(HTML) 1 Page - NXP Semiconductors

  BTA151 Datasheet HTML 1Page - NXP Semiconductors BTA151 Datasheet HTML 2Page - NXP Semiconductors BTA151 Datasheet HTML 3Page - NXP Semiconductors BTA151 Datasheet HTML 4Page - NXP Semiconductors BTA151 Datasheet HTML 5Page - NXP Semiconductors BTA151 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BTA151 series
sensitive gate
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated,
sensitive
gate
SYMBOL
PARAMETER
MAX.
MAX.
MAX. UNIT
thyristors in
a
plastic
envelope,
intended for use in general purpose
BTA151-
500R
650R
800R
switching
and
phase
control
V
DRM,
Repetitive peak off-state
500
650
800
V
applications.
V
RRM
voltages
I
T(AV)
Average on-state current
7.5
7.5
7.5
A
I
T(RMS)
RMS on-state current
12
12
12
A
I
TSM
Non-repetitive peak on-state
100
100
100
A
current
PINNING - SOT82
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode
2
anode
3
gate
tab
anode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-500R -650R -800R
V
DRM, VRRM
Repetitive peak off-state
-
500
1
650
1
800
V
voltages
I
T(AV)
Average on-state current
half sine wave; T
mb ≤ 109 ˚C
-
7.5
A
I
T(RMS)
RMS on-state current
all conduction angles
-
12
A
I
TSM
Non-repetitive peak
half sine wave; T
j = 25 ˚C prior to
on-state current
surge
t = 10 ms
-
100
A
t = 8.3 ms
-
110
A
I
2tI2t for fusing
t = 10 ms
-
50
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 20 A; IG = 50 mA;
-
50
A/
µs
on-state current after
dI
G/dt = 50 mA/µs
triggering
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
V
RGM
Peak reverse gate voltage
-
12
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.5
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
ak
g
1
23
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the thyristor may
switch to the on-state. The rate of rise of current should not exceed 15 A/
µs.
September 1997
1
Rev 1.200


Similar Part No. - BTA151

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BTA151-650R HAOPIN-BTA151-650R Datasheet
365Kb / 5P
Blocking voltage to 650 V
logo
Cystech Electonics Corp...
BTA1514M3 CYSTEKEC-BTA1514M3 Datasheet
165Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
BTA1514N3 CYSTEKEC-BTA1514N3 Datasheet
163Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTA1514N3 CYSTEKEC-BTA1514N3 Datasheet
259Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
BTA1514N3 CYSTEKEC-BTA1514N3_06 Datasheet
259Kb / 5P
General Purpose PNP Epitaxial Planar Transistor
More results

Similar Description - BTA151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC15S ONSEMI-MAC15S Datasheet
140Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
logo
Kersemi Electronic Co.,...
MAC15SD KERSEMI-MAC15SD Datasheet
584Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com