Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA151 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BTA151
Description  Thyristors sensitive gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA151 Datasheet(HTML) 3 Page - NXP Semiconductors

  BTA151 Datasheet HTML 1Page - NXP Semiconductors BTA151 Datasheet HTML 2Page - NXP Semiconductors BTA151 Datasheet HTML 3Page - NXP Semiconductors BTA151 Datasheet HTML 4Page - NXP Semiconductors BTA151 Datasheet HTML 5Page - NXP Semiconductors BTA151 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BTA151 series
sensitive gate
Fig.1. Maximum on-state dissipation, P
tot, versus
average on-state current, I
T(AV), where
a = form factor = I
T(RMS)/ IT(AV).
Fig.2. Maximum permissible non-repetitive peak
on-state current I
TSM, versus pulse width tp, for
sinusoidal currents, t
p ≤ 10ms.
Fig.3. Maximum permissible rms current I
T(RMS) ,
versus mounting base temperature T
mb.
Fig.4. Maximum permissible non-repetitive peak
on-state current I
TSM, versus number of cycles, for
sinusoidal currents, f = 50 Hz.
Fig.5. Maximum permissible repetitive rms on-state
current I
T(RMS), versus surge duration, for sinusoidal
currents, f = 50 Hz; T
mb ≤ 109˚C.
Fig.6. Normalised gate trigger voltage
V
GT(Tj)/ VGT(25˚C), versus junction temperature Tj.
0
1
2
345
67
8
0
5
10
15
a = 1.57
1.9
2.2
2.8
4
BT151
IT(AV) / A
Ptot / W
Tmb(max) / C
125
118.5
112
105.5
conduction
angle
form
factor
degrees
30
60
90
120
180
4
2.8
2.2
1.9
1.57
a
1
10
100
1000
0
20
40
60
80
100
120
BT151
Number of half cycles at 50Hz
ITSM / A
T
ITSM
time
I
Tj initial = 25 C max
T
10
100
1000
BT151
10us
100us
1ms
10ms
T / s
ITSM / A
T
ITSM
time
I
Tj initial = 25 C max
T
dI /dt limit
T
0.01
0.1
1
10
0
5
10
15
20
25
BT151
surge duration / s
IT(RMS) / A
-50
0
50
100
150
0
5
10
15
BT151
Tmb / C
IT(RMS) / A
109 C
-50
0
50
100
150
0.4
0.6
0.8
1
1.2
1.4
1.6
BT151
Tj / C
VGT(Tj)
VGT(25 C)
September 1997
3
Rev 1.200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com