Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ALVCH16721 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74ALVCH16721
Description  3.3V 20-Bit Flip-Flop with 3-STATE Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVCH16721 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74ALVCH16721 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS8090C 02/07/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74ALVCH16721
3.3V 20-Bit Flip-Flop with 3-State Outputs
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3. Unused Control Inputs must be held HIGH or LOW to prevent them from floating.
DC Electrical Characteristics-Continued (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
ti
n
U
I N
I
t
n
e
rr
u
C
t
u
p
n
IV N
I
V
=
C
C
V
,
D
N
G
r
o
C
C
V
6
.
3
=5
±
µA
I N
I (HOLD)
t
u
p
n
I
d
l
o
H
t
n
e
rr
u
C
V N
I
V
,
V
7
.
0
=
C
C
V
3
.
2
=5
4
V N
I
V
,
V
7
.
1
=
C
C
V
3
.
2
=5
4
-
V N
I
V
,
V
8
.
0
=
C
C
V
0
.
3
=5
7
V N
I
V
,
V
0
.
2
=
C
C
V
0
.
3
=5
7
-
V N
I
0
=o
tV
,
V
6
.
3
C
C
V
6
.
3
=0
0
5
±
I Z
O
)
st
u
p
t
u
O
E
T
A
T
S
-
3
(
t
n
e
rr
u
C
t
u
p
t
u
OV T
U
O
V
=
C
C
r
o,
D
N
GV C
C
V
6
.
3
=0
1
±
I C
C
t
n
e
rr
u
C
y
l
p
p
u
S
V C
C =V
6
.
3I
,
T
U
O
0
= µ ,
A
V N
I
V
r
o
D
N
G
=
C
C
0
4
∆I C
C
t
u
p
n
I
r
e
p
t
n
e
rr
u
C
y
l
p
p
u
S
H
G
I
H
L
T
T
@
V C
C
V
0
.
3
=o
t6
.
3V
V
t
a
t
u
p
n
I
e
n
O
C
C -V
6
.
0
V
t
a
st
u
p
n
I
r
e
h
t
O
C
C
D
N
G
r
o
0
5
7
CI
st
u
p
n
I
l
o
rt
n
o
C
V N
I
V
=
C
C
V
,
D
N
G
r
o
C
C
V
3
.
3
=
3
F
p
st
u
p
n
I
a
t
a
D6
CO
st
u
p
t
u
OVO V
=
C
C
V
,
D
N
G
r
o
C
C
V
3
.
3
=7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com